Electronic Components Datasheet Search
  English  ▼

X  

56853 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56853 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 56853 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
General Characteristics
56853 Technical Data, Rev. 6
Freescale Semiconductor
23
Table 4-1 Absolute Maximum Ratings
Characteristic
Symbol
Min
Max
Unit
Supply voltage, core
VDD1
1. VDD must not exceed VDDIO
VSS – 0.3
VSS + 2.0
V
Supply voltage, IO
Supply voltage, analog
VDDIO2
VDDIO2
2. VDDIO and VDDA must not differ by more that 0.5V
VSSIO – 0.3
VSSA – 0.3
VSSIO + 4.0
VDDA + 4.0
V
Digital input voltages
Analog input voltages (XTAL, EXTAL)
VIN
VINA
VSSIO – 0.3
VSSA – 0.3
VSSIO + 5.5
VDDA + 0.3
V
Current drain per pin excluding VDD, GND
I
—
8
mA
Junction temperature
TJ
-40
120
°C
Storage temperature range
TSTG
-55
150
°C
Table 4-2 Recommended Operating Conditions
Characteristic
Symbol
Min
Max
Unit
Supply voltage for Logic Power
VDD
1.62
1.98
V
Supply voltage for I/O Power
VDDIO
3.0
3.6
V
Supply voltage for Analog Power
VDDA
3.0
3.6
V
Ambient operating temperature
TA
-40
85
°C
PLL clock frequency1
1.Assumes clock source is direct clock to EXTAL or crystal oscillator running 2-4MHz. PLL must be enabled, locked, and
selected. The actual frequency depends on the source clock frequency and programming of the CGM module.
fpll
—
240
MHz
Operating Frequency2
fop
—
120
MHz
Frequency of peripheral bus
fipb
—
60
MHz
Frequency of external clock
fclk
—
240
MHz
Frequency of oscillator
fosc
2
4
MHz
Frequency of clock via XTAL
fxtal
—
240
MHz
Frequency of clock via EXTAL
fextal
2
4
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com