Electronic Components Datasheet Search
  English  ▼

X  

56853 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # 56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56853 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button 56853 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 52Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 53Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 54Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 55Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 56Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 57Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 58Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
Electrical Design Considerations
56853 Technical Data, Rev. 6
Freescale Semiconductor
55
thermal resistance to estimate junction temperature from a thermocouple reading on the case of the package will
estimate a junction temperature slightly hotter than actual. Hence, the new thermal metric, Thermal Characterization
Parameter, or
ΨJT, has been defined to be (TJ – TT)/PD. This value gives a better estimate of the junction temperature
in natural convection when using the surface temperature of the package. Remember that surface temperature
readings of packages are subject to significant errors caused by inadequate attachment of the sensor to the surface
and to errors caused by heat loss to the sensor. The recommended technique is to attach a 40-gauge thermocouple
wire and bead to the top center of the package with thermally conductive epoxy.
6.2 Electrical Design Considerations
Use the following list of considerations to assure correct operation:
•
Provide a low-impedance path from the board power supply to each VDD pin on the device, and from the
board ground to each VSS (GND) pin.
•
The minimum bypass requirement is to place six 0.01–0.1
μF capacitors positioned as close as possible to
the package supply pins. The recommended bypass configuration is to place one bypass capacitor on each
of the ten VDD/VSS pairs, including VDDA/VSSA.
•
Ensure that capacitor leads and associated printed circuit traces that connect to the chip VDD and VSS (GND)
pins are less than 0.5 inch per capacitor lead.
•
Use at least a four-layer Printed Circuit Board (PCB) with two inner layers for VDD and GND.
•
Bypass the VDD and GND layers of the PCB with approximately 100 μF, preferably with a high-grade
capacitor such as a tantalum capacitor.
•
Because the device’s output signals have fast rise and fall times, PCB trace lengths should be minimal.
•
Consider all device loads as well as parasitic capacitance due to PCB traces when calculating capacitance.
This is especially critical in systems with higher capacitive loads that could create higher transient currents
in the VDD and GND circuits.
•
All inputs must be terminated (i.e., not allowed to float) using CMOS levels.
•
Take special care to minimize noise levels on the VDDA and VSSA pins.
•
When using Wired-OR mode on the SPI or the IRQx pins, the user must provide an external pull-up device.
CAUTION
This device contains protective circuitry to guard against
damage due to high static voltage or electrical fields.
However, normal precautions are advised to avoid
application of any voltages higher than maximum rated
voltages to this high-impedance circuit. Reliability of
operation is enhanced if unused inputs are tied to an
appropriate voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com