Electronic Components Datasheet Search
  English  ▼

X  

56853 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56853 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 56853 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 52Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 53Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 54Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 55Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 56Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Package and Pin-Out Information 56853
56853 Technical Data, Rev. 6
Freescale Semiconductor
53
Figure 5-2 128-pin LQFP Mechanical Information
Please see www.freescale.com for the most current case outline.
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M,
1994.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DATUM PLANE H IS LOCATED AT BOTTOM OF LEAD AND IS
COINCIDENT WITH THE LEAD WHERE THE LEAD EXITS THE
PLASTIC BODY AT THE BOTTOM OF THE PARTING LINE.
4. DATUMS A, B, AND D TO BE DETERMINED AT DATUM PLANE
H.
5. DIMENSIONS D AND E TO BE DETERMINED AT SEATING
PLANE C.
6. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 PER SIDE.
DIMENSIONS D1 AND E1 DO INCLUDE MOLD MISMATCH
AND ARE DETERMINED AT DATUM PLANE H.
7. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION.
DAMBAR PROTRUSION SHALL NOT CAUSE THE b
DIMENSION TO EXCEED 0.35.
DIM
MILLIMETERS
MIN
MAX
A
---
1.60
A1
0.05
0.15
A2
1.35
1.45
b
0.17
0.27
b1
0.17
0.23
c
0.09
0.20
c1
0.09
0.16
D
22.00 BSC
D1
20.00BSC
e
0.50 BSC
E
16.00 BSC
E1
14.00 BSC
L
0.45
0.75
L1
1.00 REF
L2
0.50 REF
S
0.20
---
R1
0.08
---
R2
0.08
0.20
0
0o
7o
01
0o
---
02
11o
13o
Case Outline - 1129-01
128
103
38
102
65
64
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com