Electronic Components Datasheet Search
  English  ▼

X  

56853 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56853 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 56853 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Introduction
56853 Technical Data, Rev. 6
Freescale Semiconductor
11
5
VDDIO
VDDIO
Power (VDDIO)—These pins provide power for all I/O and ESD
structures of the chip, and should all be attached to VDDIO (3.3V).
18
VDDIO
41
VDDIO
55
VDDIO
61
VDDIO
72
VDDIO
91
VDDIO
92
VDDIO
100
VDDIO
114
VDDIO
124
VDDIO
6
VSSIO
VSSIO
Ground (VSSIO)—These pins provide grounding for all I/O and ESD
structures of the chip and should all be attached to VSS.
19
VSSIO
42
VSSIO
56
VSSIO
62
VSSIO
74
VSSIO
93
VSSIO
102
VSSIO
115
VSSIO
125
VSSIO
22
VDDA
VDDA
Analog Power (VDDA)—These pins supply an analog power source.
23
VSSA
VSSA
Analog Ground (VSSA)—This pin supplies an analog ground.
Table 3-1. 56853 Signal and Package Information for the 128-pin LQFP (Continued)
Pin No.
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com