Electronic Components Datasheet Search
  English  ▼

X  

56853 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56853 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 56853 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56853 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Enhanced Synchronous Serial Interface (ESSI) Timing
56853 Technical Data, Rev. 6
Freescale Semiconductor
45
Figure 4-28 Master Mode Timing Diagram
Table 4-13 ESSI Slave Mode1 Switching Characteristics
Operating Conditions: VSS = VSSIO = VSSA = 0 V, VDD = 1.62-1.98V, VDDIO = VDDA = 3.0–3.6V, TA = –40° to +120°C, CL ≤ 50pF, fop = 120MHz
Parameter
Symbol
Min
Typ
Max
Units
SCK frequency
fs
—
—
152
MHz
SCK period3
tSCKW
66.7
—
—
ns
SCK high time
tSCKH
33.44
—
—
ns
SCK low time
tSCKL
33.44
—
—
ns
Output clock rise/fall time
—
—
4
—
ns
Delay from SCK high to SC2 (bl) high - Slave5
tTFSBHS
-1
—
29
ns
tTHM
tTSM
tHM
tSM
tRFSWLM
tRFSWHM
tRFBLM
tRFSBHM
tTXHIM
tTXNVM
tTXVM
tTXEM
tTFSWLM
tTFSWHM
tTFSBLM
tTFSBHM
tSCKL
tSCKW
tSCKH
First Bit
Last Bit
SCK output
SC2 (bl) output
SC2 (wl) output
STD
SC0 output
SC1 (bl) output
SC1 (wl) output
SRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com