Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2340R2 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 20Page - Texas Instruments CC1352P Datasheet HTML 21Page - Texas Instruments CC1352P Datasheet HTML 22Page - Texas Instruments CC1352P Datasheet HTML 23Page - Texas Instruments CC1352P Datasheet HTML 24Page - Texas Instruments CC1352P Datasheet HTML 25Page - Texas Instruments CC1352P Datasheet HTML 26Page - Texas Instruments CC1352P Datasheet HTML 27Page - Texas Instruments CC1352P Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
7.17.3 Clock Specifications
7.17.3.1 48 MHz Crystal Oscillator (HFXT)
Measured on the LP-EM-CC2340R5-RGE-4x4-IS24 reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
(4)
PARAMETER
MIN
TYP
MAX
UNIT
Crystal frequency
48
MHz
ESR
Equivalent series resistance
6 pF < CL ≤ 9 pF
20
60
Ω
ESR
Equivalent series resistance
5 pF < CL ≤ 6 pF
80
Ω
CL
Crystal load capacitance(1)
5
7(2)
9
pF
Start-up
time (3)
Until clock is qualified
200
µs
(1)
Adjustable load capacitance is integrated into the device. External load capacitors are required for systems targeting compliance with
certain regulations.
(2)
On-chip default connected capacitance including reference design parasitic capacitance. Connected internal capacitance is changed
through software in the SysConfig.
(3)
Start-up time using the TI-provided power driver. Start-up time may increase if driver is not used.
(4)
Tai-Saw TZ3908AAAO43 has been validated for CC2340R5 design.
7.17.3.2 48 MHz RC Oscillator (HFOSC)
Measured on the LP-EM-CC2340R5-RGE-4x4-IS24 reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Frequency
48
MHz
Uncalibrated frequency accuracy
±3
%
Calibrated frequency accuracy (1)
±0.25
%
(1)
Accuracy relative to the calibration source (HFXT)
7.17.3.3 32 kHz Crystal Oscillator (LFXT)
Measured on the LP-EM-CC2340R5-RGE-4x4-IS24 reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Crystal frequency
32.768
kHz
Supported crystal load capacitance
6
12
pF
ESR
30
100
kΩ
7.17.3.4 32 kHz RC Oscillator (LFOSC)
Measured on the LP-EM-CC2340R5-RGE-4x4-IS24 reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Calibrated frequency
32.768 (1)
kHz
(1)
When using LFOSC as source for the low frequency system clock (LFCLK), the accuracy of the LFCLK-derived Real Time Clock
(RTC) can be improved by measuring LFOSC relative to HFXT and compensating for the RTC tick speed. This functionality is available
through the TI-provided Power driver.
7.18 Peripheral Characteristics
7.18.1 UART
7.18.1.1 UART Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
UART rate
3
MBaud
CC2340R2
SWRS282 – FEBRUARY 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CC2340R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com