Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2340R2 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 30Page - Texas Instruments CC1352P Datasheet HTML 31Page - Texas Instruments CC1352P Datasheet HTML 32Page - Texas Instruments CC1352P Datasheet HTML 33Page - Texas Instruments CC1352P Datasheet HTML 34Page - Texas Instruments CC1352P Datasheet HTML 35Page - Texas Instruments CC1352P Datasheet HTML 36Page - Texas Instruments CC1352P Datasheet HTML 37Page - Texas Instruments CC1352P Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
7.19.3 TX Current
Temperature (°C)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
Figure 7-10. TX Current vs. Temperature (BLE 1
Mbps, 2.44 GHz, 0 dBm)
Temperature (°C)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
9
9.4
9.8
10.2
10.6
11
11.4
11.8
12.2
Figure 7-11. TX Current vs. Temperature (BLE 1
Mbps, 2.44 GHz, +8 dBm)
Figure 7-12. TX Current vs. Supply Voltage, VDDS
(BLE 1 Mbps, 2.44 GHz, 0 dBm)
Voltage (V)
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
8.5
9.5
10.5
11.5
12.5
13.5
14.5
15.5
16.5
17.5
18.5
19.5
Figure 7-13. TX Current vs. Supply Voltage, VDDS
(BLE 1 Mbps, 2.44 GHz, +8 dBm)
CC2340R2
SWRS282 – FEBRUARY 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CC2340R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com