Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2340R2 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 28Page - Texas Instruments CC1352P Datasheet HTML 29Page - Texas Instruments CC1352P Datasheet HTML 30Page - Texas Instruments CC1352P Datasheet HTML 31Page - Texas Instruments CC1352P Datasheet HTML 32Page - Texas Instruments CC1352P Datasheet HTML 33Page - Texas Instruments CC1352P Datasheet HTML 34Page - Texas Instruments CC1352P Datasheet HTML 35Page - Texas Instruments CC1352P Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
7.18.6 Comparators
7.18.6.1 Ultra-low power comparator
Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
0
VDDS
V
Clock frequency
32
KHz
Voltage Divider Accuracy
Input voltage range is between VDDS/4 and VDDS
98
%
Offset
Measured at VDDS / 2 (Errors seen when using two external inputs )
+/- 27.3
mV
Decision time
Step from –50 mV to 50 mV
1
3
Clock Cycle
Comparator enable time
COMP_LP disable → enable, VIN+, VIN- from pins,
Overdrive ≥ 20 mV
70
µs
Current consumption
Including using VDDS/2 as internal reference at VIN- comparator
terminal
370
nA
7.19 Typical Characteristics
All measurements in this section are done with Tc = 25 °C and VDDS = 3.0 V, unless otherwise noted. See
Recommended Operating Conditions for device limits. Values exceeding these limits are for reference only.
7.19.1 MCU Current
Voltage (V)
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
Figure 7-6. Active Mode (MCU) Current vs. Supply
Voltage (VDDS) (Running CoreMark)
Temperature (°C)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
Figure 7-7. Standby Mode (MCU) Current vs.
Temperature ( RAM and partial register retention,
RTC)
CC2340R2
SWRS282 – FEBRUARY 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CC2340R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com