Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2340R2 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 46 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 42Page - Texas Instruments CC1352P Datasheet HTML 43Page - Texas Instruments CC1352P Datasheet HTML 44Page - Texas Instruments CC1352P Datasheet HTML 45Page - Texas Instruments CC1352P Datasheet HTML 46Page - Texas Instruments CC1352P Datasheet HTML 47Page - Texas Instruments CC1352P Datasheet HTML 48Page - Texas Instruments CC1352P Datasheet HTML 49Page - Texas Instruments CC1352P Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
Note
The power, RF and clock management for the CC2340R2 device require specific configuration and
handling by software for optimized performance. This configuration and handling is implemented in
the TI-provided drivers that are part of the CC2340R2 software development kit (SDK). Therefore,
TI highly recommends using this software framework for all application development on the device.
The complete SDK with FreeRTOS, device drivers, and examples are offered free of charge in source
code.
8.12 Clock Systems
The CC2340R2 device has the following internal system clocks.
The 48 MHz HFCLK is used as the main system (MCU and peripherals) clock. This is driven by the internal 48
MHz RC Oscillator (HFOSC), which can track its accuracy against an external 48 MHz crystal (HFXT). Radio
operation requires an external 48 MHz crystal.
The 32.768 kHz LFCLK is used as the internal low-frequency system clock. It is used for the RTC, the watchdog
timer (if enabled in standby power mode), and to synchronize the radio timer before or after Standby power
mode. LFCLK can be driven by the internal 32.8 kHz RC Oscillator (LFOSC), a 32.768 kHz watch-type crystal, or
clock input in LFXT bypass mode. When using a crystal or the internal RC oscillator, the device can output the
32 kHz LFCLK signal to other devices, thereby reducing the overall system cost.
8.13 Network Processor
Depending on the product configuration, the CC2340R2 device can function as a wireless network processor
(WNP - a device running the wireless protocol stack with the application running on a separate host MCU), or as
a system-on-chip (SoC - with the application and protocol stack running on the system CPU inside the device).
In the first case, the external host MCU communicates with the device using SPI or UART. In the second case,
the application must be written according to the application framework supplied with the wireless protocol stack.
CC2340R2
SWRS282 – FEBRUARY 2024
www.ti.com
46
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CC2340R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com