Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2340R2 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 59 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 55Page - Texas Instruments CC1352P Datasheet HTML 56Page - Texas Instruments CC1352P Datasheet HTML 57Page - Texas Instruments CC1352P Datasheet HTML 58Page - Texas Instruments CC1352P Datasheet HTML 59Page - Texas Instruments CC1352P Datasheet HTML 60Page - Texas Instruments CC1352P Datasheet HTML 61Page - Texas Instruments CC1352P Datasheet HTML 62Page - Texas Instruments CC1352P Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
24X (0.6)
24X (0.25)
20X (0.5)
(3.8)
(3.8)
4X (
1.08)
(0.64)
TYP
(0.64) TYP
(R0.05) TYP
VQFN - 1 mm max height
RGE0024B
PLASTIC QUAD FLATPACK - NO LEAD
4219013/A 05/2017
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
25
SYMM
METAL
TYP
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD 25
78% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:20X
SYMM
1
6
7
12
13
18
19
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com