Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2340R2 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 41 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 37Page - Texas Instruments CC1352P Datasheet HTML 38Page - Texas Instruments CC1352P Datasheet HTML 39Page - Texas Instruments CC1352P Datasheet HTML 40Page - Texas Instruments CC1352P Datasheet HTML 41Page - Texas Instruments CC1352P Datasheet HTML 42Page - Texas Instruments CC1352P Datasheet HTML 43Page - Texas Instruments CC1352P Datasheet HTML 44Page - Texas Instruments CC1352P Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
8.3 Radio (RF Core)
The low-power RF Core (LRF) implements a high performance and highly flexible RF sub system containing
RF and baseband circuitry in addition to a software defined digital radio (LRFD). LRFD provides a high-level,
command-based API to the main CPU and handles all of the timing critical and low-level details of many
different radio PHYs. Several signals are also available to control external circuitry such as RF switches or range
extenders autonomously.
The software-defined modem is not programmable by customers but is instead loaded with pre-compiled images
provided in the radio driver in the SimpleLink™ Low Power F3 software development kit (SDK) for the CC23xx
devices. This mechanism allows the radio platform to be updated for support of future versions of standards with
over-the-air (OTA) updates while still using the same silicon. LRFD stores the code images in the RF SRAM and
does not make use of any ROM memory, thus image loading from NV memory only occurs once after boot and
also, no patching is required when exiting power modes.
8.3.1 Bluetooth 5.3 Low Energy
The RF Core offers full support for Bluetooth 5.3 Low Energy, including the high-speed 2 Mbps physical layer
and the 500 kbps and 125 kbps long range PHYs (Coded PHY) through the TI provided Bluetooth 5.3 stack or
through a high-level Bluetooth API.
The new high-speed mode allows data transfers up to 2 Mbps, twice the speed of Bluetooth 4.2 and five times
the speed of Bluetooth 4.0, without increasing power consumption. In addition to faster speeds, this mode offers
significant improvements for energy efficiency and wireless coexistence with reduced radio communication time.
Bluetooth 5.3 also enables unparalleled flexibility for adjustment of speed and range based on application
needs, which capitalizes on the high-speed or long-range modes respectively. Data transfers are now possible
at 2 Mbps, enabling development of applications using voice, audio, imaging, and data logging that were not
previously an option using Bluetooth low energy. With high-speed mode, existing applications deliver faster
responses, richer engagement, and longer battery life. Bluetooth 5.3 enables fast, reliable firmware updates.
8.4 Memory
The 256 KB nonvolatile (Flash) memory provides storage for code and data. The flash memory is in-system
programmable and erasable. A special flash memory sector must contain a Customer Configuration section
(CCFG) that is used by boot ROM and TI provided drivers to configure the device. This configuration is done
through the ccfg.c source file that is included in all TI provided examples.
The ultra-low leakage system static 28 KB RAM (SRAM) can be used for both storage of data and execution of
code. Retention of SRAM contents in Standby power mode is enabled by default and included in Standby mode
power consumption numbers. System SRAM is always initialized to zeroes upon code execution during boot.
The ROM includes device bootcode firmware handling initial device trimming operations, security configurations
and device lifecycle management. The ROM also contains a serial (SPI and UART) bootloader that can be used
for initial programming of the device.
www.ti.com
CC2340R2
SWRS282 – FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: CC2340R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com