Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2340R2 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 56Page - Texas Instruments CC1352P Datasheet HTML 57Page - Texas Instruments CC1352P Datasheet HTML 58Page - Texas Instruments CC1352P Datasheet HTML 59Page - Texas Instruments CC1352P Datasheet HTML 60Page - Texas Instruments CC1352P Datasheet HTML 61Page - Texas Instruments CC1352P Datasheet HTML 62Page - Texas Instruments CC1352P Datasheet HTML 63Page - Texas Instruments CC1352P Datasheet HTML 64Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
.
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
EXAMPLE BOARD LAYOUT
4219083/A 03/2021
www.ti.com
VQFN - 1 mm max height
RKP0040B
PLASTIC QUAD FLATPACK- NO LEAD
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 15X
SOLDER MASK DETAILS
NON- SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
METAL
SOLDERMASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
( 3.5)
2X
(4.8)
2X (4.8)
36X (0.4)
40X (0.6)
40X (0.2)
2X (0.6)
2X (0.9)
2X (0.6)
2X (0.9283)
(Ø 0.2) VIA
TYP
(R 0.05) TYP
1
10
11
20
21
30
31
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com