Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2340R2 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 57 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 53Page - Texas Instruments CC1352P Datasheet HTML 54Page - Texas Instruments CC1352P Datasheet HTML 55Page - Texas Instruments CC1352P Datasheet HTML 56Page - Texas Instruments CC1352P Datasheet HTML 57Page - Texas Instruments CC1352P Datasheet HTML 58Page - Texas Instruments CC1352P Datasheet HTML 59Page - Texas Instruments CC1352P Datasheet HTML 60Page - Texas Instruments CC1352P Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
www.ti.com
PACKAGE OUTLINE
C
SEE TERMINAL
DETAIL
24X
0.3
0.2
2.45 0.1
24X
0.5
0.3
1 MAX
(0.2) TYP
0.05
0.00
20X 0.5
2X
2.5
2X 2.5
A
4.1
3.9
B
4.1
3.9
0.3
0.2
0.5
0.3
VQFN - 1 mm max height
RGE0024B
PLASTIC QUAD FLATPACK - NO LEAD
4219013/A 05/2017
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
6
13
18
7
12
24
19
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
25
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.000
DETAIL
OPTIONAL TERMINAL
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com