Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2340R2 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 45Page - Texas Instruments CC1352P Datasheet HTML 46Page - Texas Instruments CC1352P Datasheet HTML 47Page - Texas Instruments CC1352P Datasheet HTML 48Page - Texas Instruments CC1352P Datasheet HTML 49Page - Texas Instruments CC1352P Datasheet HTML 50Page - Texas Instruments CC1352P Datasheet HTML 51Page - Texas Instruments CC1352P Datasheet HTML 52Page - Texas Instruments CC1352P Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
10 Device and Documentation Support
TI offers an extensive line of development tools. Tools and software to evaluate the performance of the device,
generate code, and develop solutions are listed as follows.
10.1 Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to all part numbers and/or
date-code. Each device has one of three prefixes/identifications: X, P, or null (no prefix) (for example, X is in
preview; therefore, an X prefix/identification is assigned).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final device's electrical specifications and
may not use production assembly flow.
P
Prototype device that is not necessarily the final silicon die and may not necessarily meet final electrical
specifications.
null Production version of the silicon die that is fully qualified.
Production devices have been characterized fully, and the quality and reliability of the device have been
demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (X or P) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system because their
expected end-use failure rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package type
(for example, RHB).
For orderable part numbers of devices in the RHB (5-mm x 5-mm) package type, see the Package Option
Addendum of this document, the Device Information in Section 3, the TI website (www.ti.com), or contact your TI
sales representative.
CC2340 R 2 1 N 0 RKP R
PREFIX
X = Experimental Device
Blank = Qualified Device
DEVICE
SimpleLink™ Bluetooth® 5.3
Low Energy Wireless MCU
CONFIGURATION
R = Regular (+8 dBm)
FLASH SIZE
2 = 256KB
5 = 512KB
R = Large Reel
PACKAGE
RKP = 5 mm x 5 mm QFN
RGE = 4 mm x 4 mm QFN
TEMPERATURE
N = 85 °C Ambient
PRODUCT REVISION
SRAM SIZE
1 = 28KB
2 = 36KB
3 = 64KB
Figure 10-1. Device Nomenclature
10.2 Tools and Software
The CC2340R2 device is supported by a variety of software and hardware development tools.
Development Kit
CC2340R5
LaunchPad™
Development Kit
The CC2340R5 LaunchPad™ Development Kit enables development of high-performance
wireless applications that benefit from low-power operation. The kit features the
CC2340R5 SimpleLink Wireless MCU, which allows you to quickly evaluate and prototype
2.4-GHz wireless applications such as Bluetooth 5 Low Energy, Zigbee and Thread, plus
www.ti.com
CC2340R2
SWRS282 – FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: CC2340R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com