Electronic Components Datasheet Search
  English  ▼

X  

PMP75 Datasheet(PDF) 39 Page - Endress+Hauser Group Services AG

Part # PMP75
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP75 Datasheet(HTML) 39 Page - Endress+Hauser Group Services AG

Back Button PMP75 Datasheet HTML 35Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 36Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 37Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 38Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 39Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 40Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 41Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 42Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 43Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
39
Performance characteristics - calculation example and
additional information
Calculating the
total performance in 4 steps
Data (example with PMP71)
Measuring Conditions / Device configuration
Measuring range (URV)
5 bar (75 psi)
Min./max. temp. of pressure transmitter
(ambient/process)
Ambient temp.:0 to 45 °C (32 to 113 °F)
Max. process temp.: 50 °C (122 °F)
Membrane material
AISI 316L
Reference accuracy (± 0.05%)
Standard
PMP71 - Suitable measuring cell
(upper range limit, URL)
10 bar (150 psi) with TD 2:1
Output Signal
4 to 20 mA
Formula
Total performance = ± √ ( (E1)² + (E2)² )
E1 = Reference accuracy →  29
E2 = Ambient temperature effect per 28°C (per 50°F) →  31
Calculation
Step 1: Calculation of the turn down →  7
Turn down, TD = URL / [URV]
=
10 bar (150 psi)/5 bar (75 psi)
=
TD = 2:1
Step 2: Calculation of the reference accuracy (E1) →  29
For the measuring conditions,
Reference accuracy, E1
=
± 0.05 (% of the set span)
=
± (0.05/100) · 5 bar (75 psi)
=
±0.0025 bar (0.03625 psi)
E1 =
± 0.05 (% of the set span)
(or)
±0.0025 bar (0.03625 psi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com