Electronic Components Datasheet Search
  English  ▼

X  

PMP75 Datasheet(PDF) 79 Page - Endress+Hauser Group Services AG

Part # PMP75
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP75 Datasheet(HTML) 79 Page - Endress+Hauser Group Services AG

Back Button PMP75 Datasheet HTML 75Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 76Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 77Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 78Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 79Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 80Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 81Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 82Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 83Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
79
Process connections for
PMP75 with flush-mounted
process isolating diaphragm
Tri-Clamp ISO 2852
d
M
C
7
A0021644
Engineering unit mm (in)
Material 1) Nominal
diameter
ISO 2852
Nominal
diameter
DIN 32676
Nominal
diameter
Diameter Max. diameter of the
process isolating
diaphragm
Height Weight
Approval 2)
Option 3)
Standard
with TempC
membrane
C7
dM
dM
h
[in]
[mm]
[mm]
[mm]
[mm] [kg (lb)]
AISI 316L
ND 25 / 33.7
DN 25
1
50.5
24
-
37
0.32
(0.71)
EHEDG, 3A,
CRN
TB
ND 38
DN 40
1 ½
50.5
36
36
30
1 (2.21)
EHEDG, 3A,
CRN
TC 4) 5)
ND 51 / 40
DN 50
2
64
48
41
30
1.1 (2.43) EHEDG, 3A,
CRN
TD 4) 5)
ND 63.5
DN 50
2 ½
77.5
61
61
30
0.7 (1.54) EHEDG, 3A
TE 6)
ND 76.1
–
3
91
73
61
30
1.2 (2.65) EHEDG, 3A,
CRN
TF 5)
1)
Surface roughness of the wetted surfaces Ra < 0.76 µm (29.9 µin) as standard. Lower surface roughness on request.
2)
CSA approval: Product Configurator, order code for "Approval"
3)
Product Configurator, order code for "Process connection"
4)
Optionally available as an ASME-BPE-compliant diaphragm seal version for use in biochemical processes, surfaces in contact with medium Ra <
0.38 µm (15 µin)) , electropolished; order using order code for "Additional options", option "P".
5)
Alternatively available with TempC membrane.
6)
With TempC membrane
PN max. = 40 bar (580 psi). The maximum PN depends on the clamp used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com