Electronic Components Datasheet Search
  English  ▼

X  

PMP75 Datasheet(PDF) 69 Page - Endress+Hauser Group Services AG

Part # PMP75
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP75 Datasheet(HTML) 69 Page - Endress+Hauser Group Services AG

Back Button PMP75 Datasheet HTML 65Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 66Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 67Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 68Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 69Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 70Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 71Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 72Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 73Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
69
Process connections for
PMP71 with flush-mounted
process isolating diaphragm
Threaded connection ISO 228 G
A
ø17.5 (0.69)
ø18.4 (0.72)
ø26.5 (1.04)
ø23.6 (0.93)
G ½" A
1
A0021613
B
ø30 (1.18)
ø28 (1.1)
ø36 (1.42)
ø39 (1.54)
G 1" A
A0021614
C
ø28 (1.1)
G 1½" A
ø55 (2.17)
ø36 (1.42)
A0021615
D
ø28 (1.1)
G 2" A
ø68 (2.68)
ø56.3 (2.22)
A0021616
Engineering unit mm (in)
Item
Description
Material
Weight
Option 1)
kg (lb)
A
Thread ISO 228 G ½" A, DIN 3852
FKM seal (item 1) pre-installed
AISI 316L
0.4 (0.88)
1A
Alloy C276 (2.4819)
1B
B
Thread ISO 228 G 1" A
AISI 316L
0.7 (1.54)
1D
Alloy C276 (2.4819)
1E
C
Thread ISO 228 G 1 ½" A
AISI 316L
1.1 (2.43)
1G
Alloy C276 (2.4819)
1H
D
Thread ISO 228 G 2" A
AISI 316L
1.5 (3.31)
1K
Alloy C276 (2.4819)
1L
1)
Product Configurator, order code for "Process connection"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com