Electronic Components Datasheet Search
  English  ▼

X  

PMP75 Datasheet(PDF) 9 Page - Endress+Hauser Group Services AG

Part # PMP75
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP75 Datasheet(HTML) 9 Page - Endress+Hauser Group Services AG

Back Button PMP75 Datasheet HTML 5Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 6Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 7Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 8Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 9Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 10Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 11Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 12Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 13Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
9
Measuring principle
Devices with ceramic process isolating diaphragm (Ceraphire®)
1
2
3
4
p
A0020465
1
Air pressure (relative pressure sensors)
2
Ceramic substrate
3
Electrodes
4
Ceramic process isolating diaphragm
The ceramic sensor is an oil-free sensor, i.e. the process pressure acts directly on the robust ceramic
process isolating diaphragm and causes it to deflect. A pressure-dependent change in capacitance is
measured at the electrodes of the ceramic substrate and the process isolating diaphragm. The
measuring range is determined by the thickness of the ceramic process isolating diaphragm.
Advantages:
• Guaranteed overload resistance up to 40 times the nominal pressure (see "OPL" column in table)
→  12)
• The ultrapure 99.9% ceramic (Ceraphire®, see also "www.endress.com/ceraphire") ensures:
– Extremely high chemical durability
– Less relaxation
– High mechanical durability
• Suitable for vacuums
• Secondary containment for enhanced integrity
• Process temperatures up to 150 °C (302 °F)
Devices with metallic process isolating diaphragm
p
1
3
4
2
A0016448
1
Silicon measuring element, substrate
2
Wheatstone bridge
3
Channel with fill fluid
4
Metal process isolating diaphragm
PMP71
The process pressure deflects the metal process isolating diaphragm of the sensor and a fill fluid
transfers the pressure to a Wheatstone bridge (semiconductor technology). The pressure-dependent
change in the bridge output voltage is measured and evaluated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com