Electronic Components Datasheet Search
  English  ▼

X  

PMP75 Datasheet(PDF) 31 Page - Endress+Hauser Group Services AG

Part # PMP75
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP75 Datasheet(HTML) 31 Page - Endress+Hauser Group Services AG

Back Button PMP75 Datasheet HTML 27Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 28Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 29Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 30Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 31Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 32Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 33Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 34Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 35Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
31
Detailed Performance
Explanation and Calculation
To calculate the total performance outside the –3 to +53 °C (+27 to +127 °F) temperature range or
for a process isolating diaphragm material other than 1.4435/316L or Alloy C 276, please refer to
the following sections: "Ambient temperature effect" and "Calculation of total performance".
Ambient temperature effect [E2]
• E2 = (E2M · CF1 ) + E2E
• E2M = Main temperature error
• CF1 = Temperature range correction factor
• E2E = Electronics error for analog current output
E2M - Main temperature error
The output changes due to the effect of ambient temperature [IEC 61298-3] with respect to
reference temperature [DIN 16086]. The values specify the maximum error due to min./max.
ambient or process temperature conditions.
The specified error is applicable to the membrane material AISI 316L.
Ambient temperature effect per 28 °C 1) (Per 50 °F) - PMP71 2)
Measuring cell
Standard
Platinum
400 mbar (6 psi)
± (0.04 · TD + 0.08)
± (0.04 · TD + 0.08)
1 bar (15 psi)
± (0.04 · TD + 0.08)
± (0.04 · TD + 0.08)
2 bar (30 psi)
± (0.04 · TD + 0.08)
± (0.04 · TD + 0.08)
4 bar (60 psi)
± (0.04 · TD + 0.08)
± (0.04 · TD + 0.08)
10 bar (150 psi)
± (0.03 · TD + 0.03)
± (0.03 · TD + 0.03)
40 bar (600 psi)
± (0.03 · TD + 0.03)
± (0.03 · TD + 0.03)
100 bar (1500 psi)
± (0.015 · TD + 0.06)
± (0.015 · TD + 0.06)
400 bar (6000 psi)
± (0.015 · TD + 0.06)
± (0.015 · TD + 0.06)
700 bar (10500 psi)
± (0.015 · TD + 0.06)
± (0.015 · TD + 0.06)
1)
Valid for the temperature range 25 °C ± per 28 °C (77 °F ± per 50 °F). In contrast, the electronics error
applies for the entire transmitter temperature range –40 to +85 °C (–40 to +185 °F).
2)
PMP75: Total performance excludes diaphragm seal errors. Those diaphragm seal errors will be calculated
separately in the applicator diaphragm seal calculation module. Link to online tool Applicator:
www.endress.com/applicator → Sizing Diaphragm Seal
CF1 - Temperature range correction factor
Measuring cell
Temperature range
Factor, CF1
400 mbar (6 psi),
1 bar (15 psi),
2 bar (30 psi),
4 bar (60 psi),
10 bar (150 psi),
40 bar (600 psi),
100 bar (1500 psi),
400 bar (6000 psi),
700 bar (10500 psi)
25°C ± per 28°C (77°F ± per 50°F)
1
–32 to –4 °C (–26 to +25 °F) and
+54 to +85 °C (+129 to +185 °F)
2
–40 to –33 °C (–40 to –27 °F)
2.3
E2E - Electronics error
Measuring cell
Electronics
Error (%)
For all measuring cells
Digital output (HART/PA/FF)
0 %
Analog output (4 to 20 mA/1 to 5V)
0.05 %
Total error
Total error = total performance + long-term stability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com