Electronic Components Datasheet Search
  English  ▼

X  

PMP75 Datasheet(PDF) 14 Page - Endress+Hauser Group Services AG

Part # PMP75
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP75 Datasheet(HTML) 14 Page - Endress+Hauser Group Services AG

Back Button PMP75 Datasheet HTML 10Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 11Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 12Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 13Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 14Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 15Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 16Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 17Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 18Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
14
Endress+Hauser
PMP71 - metallic process isolating diaphragms for absolute pressure with MID parts certificate
Nominal
value
Range limit
Min. WP for gas
applications suitable
for custody transfer
measurement
Min. WP for liquid
applications suitable
for custody transfer
measurement
MWP
OPL
Vacuum
resistance 1)
Option 2)
lower
(LRL) 3)
upper
(URL) 4)
Silicone oil/
Inert oil
[bar (psi)]
[barabs
(psiabs)]
[barabs
(psiabs)]
[bar (psi)]
[bar (psi)]
[barabs
(psiabs)]
[barabs
(psiabs)]
[bar (psi)]
10 (150)
0
+10 (150)
0.5 (7.5)
0.5 (7.5)
26.7
(400.5)
40 (600)
0.01/0.04
(0.15/1)
MP
50 (750)
0
+50 (750)
10 (150)
2.5 (37.5)
100
(1500)
400
(6000)
0.01/0.04
(0.15/1)
MT
100 (1500)
0
+100
(1500)
5 (75)
5 (75)
100
(1500)
400
(6000)
0.01/0.04
(0.15/1)
MU
1)
The vacuum resistance applies to the measuring cell under reference operating conditions
2)
Product Configurator, order code for "Sensor range; sensor over pressure limit"
3)
By default, the device is set to a lower range limit of 0 bar. Please specify in the order if the lower range limit is to be set to a different default
value.
4)
Max. WP for gas and liquid applications suitable for custody transfer measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com