Electronic Components Datasheet Search
  English  ▼

X  

PMP75 Datasheet(PDF) 13 Page - Endress+Hauser Group Services AG

Part # PMP75
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP75 Datasheet(HTML) 13 Page - Endress+Hauser Group Services AG

Back Button PMP75 Datasheet HTML 9Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 10Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 11Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 12Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 13Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 14Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 15Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 16Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 17Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
13
PMP71 and PMP75 – metallic process isolating diaphragm for gauge pressure
Nominal value
Range limit
Lowest
calibratable
Span 1)
MWP
OPL
Vacuum resistance 2)
Option 3)
lower (LRL)
upper (URL)
Silicone oil/
Inert oil
[bar (psi)]
[bar (psi)]
[bar (psi)]
[bar (psi)]
[bar (psi)]
[barabs (psiabs)]
400 mbar (6 psi)
–0.4 (–6)
+0.4 (+6)
0.005 (0.075)
4 (60)
6 (90)
0.01/0.04 (0.15/0.6)
1F
1 bar (15 psi)
–1 (–15)
+1 (+15)
0.01 (0.15)
6.7 (100)
10 (150)
1H
2 bar (30 psi)
–1 (–15)
+2 (+30)
0.02 (0.3)
13.3 (200)
20 (300)
1K
4 bar (60 psi)
–1 (–15)
+4 (+60)
0.04 (0.6)
18.7 (280.5)
28 (420)
1M
10 bar (150 psi)
–1 (–15)
+10 (+150)
0.1 (1.5)
26.7 (400.5)
40 (600)
1P
40 bar (600 psi)
–1 (–15)
+40 (+600)
0.4 (6)
100 (1500)
160 (2400)
1S
100 bar (1500 psi)
–1 (–15)
+100 (+1500)
1.0 (15)
100 (1500)
400 (6000)
1U
400 bar (6000 psi)
–1 (–15)
+400 (+6000)
4.0 (60)
400 (6000)
600 (9000)
1W
700 bar (10500 psi) 4)
–1 (–15)
+700 (+10500)
7.0 (105)
700 (10500)
1050 (15750)
1X
1)
Turndown > 100:1 on request or can be set on device
2)
The vacuum resistance applies to the measuring cell under reference operating conditions. In the case of the PMP75, the pressure and
temperature application limits of the selected filling oil must also be observed →  109.
3)
Product Configurator, order code for "Sensor range; sensor over pressure limit"
4)
PMP71 only, PMP75 on request
PMP71 and PMP75 – metallic process isolating diaphragm for absolute pressure
Nominal value
Range limit
Lowest
calibratable
Span 1)
MWP
OPL
Vacuum resistance 2) Option 3)
lower (LRL)
upper (URL)
Silicone oil/
Inert oil
[barabs (psiabs)] [barabs (psiabs)] [bar (psi)]
[barabs (psiabs)] [barabs (psiabs)] [barabs (psiabs)]
400 mbar (6 psi)
0
+0.4 (+6)
0.005 (0.075) 4 (60)
6 (90)
0.01/0.04 (0.15/0.6)
2F
1 bar (15 psi)
0
+1 (+15)
0.01 (0.15)
6.7 (100)
10 (150)
2H
2 bar (30 psi)
0
+2 (+30)
0.02 (0.3)
13.3 (200)
20 (300)
2K
4 bar (60 psi)
0
+4 (+60)
0.04 (0.6)
18.7 (280.5)
28 (420)
2M
10 bar (150 psi)
0
+10 (+150)
0.1 (1.5)
26.7 (400.5)
40 (600)
2P
40 bar (600 psi)
0
+40 (+600)
0.4 (6)
100 (1500)
160 (2400)
2S
100 bar (1500 psi)
0
+100 (+1500)
1.0 (15)
100 (1500)
400 (6000)
2U
400 bar (6000 psi)
0
+400 (+6000)
4.0 (60)
400 (6000)
600 (9000)
2W
700 bar (10500 psi) 4) 0
+700 (+10500) 7.0 (105)
700 (10500)
1050 (15750)
2X
1)
Turndown > 100:1 on request or can be set on device
2)
The vacuum resistance applies to the measuring cell under reference operating conditions. In the case of the PMP75, the pressure and
temperature application limits of the selected filling oil must also be observed →  109.
3)
Product Configurator, order code for "Sensor range; sensor over pressure limit"
4)
PMP71 only, PMP75 on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com