Electronic Components Datasheet Search
  English  ▼

X  

PMP75 Datasheet(PDF) 49 Page - Endress+Hauser Group Services AG

Part # PMP75
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP75 Datasheet(HTML) 49 Page - Endress+Hauser Group Services AG

Back Button PMP75 Datasheet HTML 45Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 46Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 47Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 48Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 49Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 50Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 51Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 52Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 53Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
49
For further details refer to the Declaration of Conformity.
Vibration resistance
Device/accessory
Test standard
Vibration resistance
PMC71 1)
GL
Guaranteed for
3 to 25 Hz: ±1.6 mm (0.063 in);
25 to 100 Hz: 4 g
in all 3 planes
PMP71
PMP75 2) 3)
With mounting bracket
IEC 61298-3
Guaranteed for
10 to 60 Hz: ±0.15 mm (0.0059 in);
60 to 500 Hz: 2 g
in all 3 planes
PMP71 with MID parts certificate
OIML R117-1
Class M3
1)
Not for high-temperature version with Ex d[ia], CSA XP or FM XP
2)
With aluminum T14 housing only
3)
For applications with very high temperatures, a PMP75 with either a temperature isolator or a capillary
can be used. If vibrations also occur in the application, Endress+Hauser recommends using a PMP75 with a
capillary. If a PMP75 with a temperature isolator or capillary is used, it must be mounted with a mounting
bracket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com