Electronic Components Datasheet Search
  English  ▼

X  

PMP75 Datasheet(PDF) 29 Page - Endress+Hauser Group Services AG

Part # PMP75
Description  Technical Information Cerabar S PMC71, PMP71, PMP75
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

PMP75 Datasheet(HTML) 29 Page - Endress+Hauser Group Services AG

Back Button PMP75 Datasheet HTML 25Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 26Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 27Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 28Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 29Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 30Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 31Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 32Page - Endress+Hauser Group Services AG PMP75 Datasheet HTML 33Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 124 page
background image
Cerabar S PMC71, PMP71, PMP75
Endress+Hauser
29
Reference accuracy [E1]
 
Reference accuracy 1)
Measuring cell
PMP71
PMP75 2)
Standard
Reference accuracy
Platinum 3)
Reference accuracy
Standard
Reference accuracy
400 mbar (6 psi)
• TD 1:1
• TD > 1:1
=
=
±0.05
±0.05 · TD
• TD 1:1
• TD > 1:1
= ±0.025
±0.05 · TD
• TD 1:1
• TD > 1:1
=
=
±0.15
±0.15 · TD
1 bar (15 psi)
• TD ≤ 2.5:1
• TD > 2.5:1
=
=
±0.05
±0.02 · TD
• TD 1:1
• TD > 1:1
= ±0.025
See standard
• TD ≤ 2.5:1
• TD > 2.5:1
=
=
±0.075
±0.03 · TD
2 bar (30 psi)
• TD ≤ 5:1
• TD > 5:1
=
=
±0.05
±0.01 · TD
• TD 1:1
• TD > 1:1
= ±0.025
See standard
• TD ≤ 5:1
• TD > 5:1
=
=
±0.075
±0.015 · TD
4 bar (60 psi)
• TD ≤ 10:1
• TD > 10:1
=
=
±0.05
±0.005 · TD
• TD 1:1
• TD > 1:1
= ±0.025
See standard
• TD ≤ 10:1
• TD > 10:1
=
=
±0.075
±0.0075 · TD
10 bar (150 psi)
• TD ≤ 10:1
• TD > 10:1
=
=
±0.05
±0.005 · TD
• TD 1:1
• TD > 1:1
= ±0.025
See standard
• TD ≤ 10:1
• TD > 10:1
=
=
±0.075
±0.0075 · TD
40 bar (600 psi)
• TD ≤ 10:1
• TD > 10:1
=
=
±0.05
±0.005 · TD
• TD 1:1
• TD > 1:1
= ±0.025
See standard
• TD ≤ 10:1
• TD > 10:1
=
=
±0.075
±0.0075 · TD
100 bar (1500 psi)
• TD ≤ 10:1
• TD > 10:1
=
=
±0.05
±0.005 · TD
• TD 1:1
• TD > 1:1
= ±0.035
See standard
• TD ≤ 10:1
• TD > 10:1
=
=
±0.075
±0.0075 · TD
400 bar (6000 psi)
• TD ≤ 5:1
• TD > 5:1
=
=
±0.1
±0.02 · TD
• TD 1:1
• TD > 1:1
= ±0.065
See standard
• TD ≤ 5:1
• TD > 5:1
=
=
±0.15
±0.03 · TD
700 bar (10500 psi)
• TD ≤ 5:1
• TD > 5:1
=
=
±0.1
±0.02 · TD
• TD 1:1
• TD > 1:1
= ±0.065
See standard
• TD ≤ 5:1
• TD > 5:1
=
=
±0.15
±0.03 · TD
1)
The reference accuracy contains the non-linearity [DIN EN 61298-2 3.11] including the hysteresis [DIN EN 61298-23.13] and non-repeatability
[DIN EN 61298-2 3.11] in accordance with the limit point method as per [DIN EN 60770]. The specifications refer to the calibrated span/Upper
Range Value (URV).
2)
PMP75: Total performance excludes diaphragm seal errors. Diaphragm seal errors can be calculated separatly in applicator diaphragm seal
calculation module. Link to online tool Applicator: www.endress.com/applicator → Sizing Diaphragm Seal
3)
Platinum version not for flush-mounted process connections G ½ and M20
Please refer to the next chapter “Detailed performance explanation and calculation” for further
explanations on "Ambient temperature effect".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com