Electronic Components Datasheet Search
  English  ▼

X  

33797 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33797
Description  Four Channel Squib Driver IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33797 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33797 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33797
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Table 7. Diagnostic Bit Definitions
Hex
Code
Command
Description
Diagnostic Data Out (Available on Next Command)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
NOP
0
0
0
0
0
0
0
0
70
Squib 1A Current
Measurement
Time
SQB_1A
BIT 7
MS
SQB_1A
BIT 6
SQB_1A
BIT 5
SQB_1A
BIT 4
SQB_1A
BIT 3
SQB_1A
BIT 2
SQB_1A
BIT 1
SQB_1A
BIT 0
LS
71
Squib 1B Current
Measurement
Time
SQB_1B
BIT 7
MS
SQB_1B BIT
6
SQB_1B BIT
5
SQB_1B
BIT 4
SQB_1B
BIT 3
SQB_1B
BIT 2
SQB_1B
BIT 1
SQB_1B
BIT 0
LS
72
Squib 2A Current
Measurement
Time
SQB_2A
BIT 7
MS
SQB_2A
BIT 6
SQB_2A
BIT 5
SQB_2A
BIT 4
SQB_2A
BIT 3
SQB_2A
BIT 2
SQB_2A
BIT 1
SQB_2A
BIT 0
LS
73
Squib 2B Current
Measurement
Time
SQB_2B
BIT 7
MS
SQB_2B
BIT 6
SQB_2B
BIT 5
SQB_2B
BIT 4
SQB_2B
BIT 3
SQB_2B
BIT 2
SQB_2B
BIT 1
SQB_2B
BIT 0
LS
79
Squib X Current
Status
0
0
0
0
SQB_2B
Current Limit
Status
SQB_2A
Current Limit
Status
SQB_1B
Current Limit
Status
SQB_1A
Current Limit
Status
7F
Thermal
Shutdown Status
ThermalSD
Thermal
LSDSTAT
_2B
Thermal
HSDSTAT
_2B
Thermal
LSDSTAT
_2A
Thermal
HSDSTAT
_2A
Thermal
LSDSTAT
_1B
Thermal
HSDSTAT
_1B
Thermal
LSDSTAT
_1A
Thermal
HSDSTAT
_1A
C0
VDIAG and High-
Side Safing
Sensor
Diagnostics
RSSLO
RSSHI
VDIAG_2
VDHI
VDIAG_2
VDLO
RSSLO
RSSHI
VDIAG_1
VDHI
VDIAG_1
VDLO
C1
Squib Short-to-
Ground/Short-to-
Battery
Diagnostics
SQB_2B
NO_SH_
GND
SQB_2B
NO_SH_
BATT
SQB_2A
NO_SH_
GND
SQB_2A
NO_SH_
BATT
SQB_1B
NO_SH_
GND
SQB_1B
NO_SH_
BATT
SQB_1A
NO_SH_
GND
SQB_1A
NO_SH_
BATT
C2
Low-Side Driver
Continuity Status
0
0
0
0
SQB_LO_2B_
CONT
SQB_LO_2A
CONT
SQB_LO_1B
CONT
SQB_LO_1A
CONT
C3
Harness Short-to-
Ground/ Short-to-
Battery with
Squib Open (No
Squib Present)
SQB_2B
OPEN
NO_SH_
GND
SQB_2B
OPEN
NO_SH_
BATT
SQB_2A
OPEN
NO_SH_
GND
SQB_2A
OPEN
NO_SH_
BATT
SQB_1B
OPEN
NO_SH_
GND
SQB_1B
OPEN
NO_SH_
BATT
SQB_1A
OPEN
NO_SH_
GND
SQB_1A
OPEN
NO_SH_
BATT
Hex
Code
Command
Description
Diagnostic Data Out (Available on Next Command)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
C5
VFIRE_1B and
VFIRE_2B
Voltage
0
0
0
VFIRE_B
Tested
X
X
VHI
VLO
C6
VDIAG_1 and
VDIAG_2
Diagnostics
VDIAG_2
V4
VDIAG_2
V3
VDIAG_2
V2
VDIAG_2
V1
VDIAG_1
V4
VDIAG_1
V3
VDIAG_1
V2
VDIAG_1
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com