Electronic Components Datasheet Search
  English  ▼

X  

33797 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 33797
Description  Four Channel Squib Driver IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33797 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 33797 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
33797
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSIS FEATURES
SQUIB RESISTANCE DIAGNOSTIC DATA
RESULTS
A comparator result bit set to “1” indicates that the input
voltage is above the threshold resistance for that bit. Thus an
open squib would cause all bits to be set to “1”; likewise, a
shorted squib will cause all bits to be set to “0”.
Squib resistance tests are disabled during firing.
SQUIB DIAGNOSTICS SHORTS BETWEEN SQUIB
LINES (FIRING LOOPS) ($EX COMMAND)
This function monitors conditions that have shorts
between squib lines (firing loops). When enabled, a 2.7 mA
current source located in the SQB_HI_XX pin is activated
sourcing current from the selected SQB_HI_XX to the
SENSE_XX pin. The resulting voltage is checked on all other
squib lines to determine if the squib lines are shorted. In
applications using more than one squib driver IC, a separate
command can also be issued to check all squibs for shorted
squib lines.
SQUIB DIAGNOSTICS SHORTS BETWEEN SQUIB
LINES DIAGNOSTIC DATA RESULTS (SHORTS
BETWEEN FIRING LOOPS)
A comparator result bit set to “1” for SQUIB_XX indicates
standard test current detected in squib line under test.
A comparator result bit set to “0” for SQUIB_XX indicates
faulty diagnostic current detected in squib line under test.
A comparator result bit set to “1” for SQUIB_XX_SSQB_ YY
indicates that the squib line is shorted to the squib under test.
A comparator result bit set to “0” for SQUIB_XX_SSQB_YY
indicates no shorted squib line detected (standard
conditions). If more than two squibs are shorted together, the
response will consist of all “0”s.
RESET (RST)
The Reset pin has an internal current pull-down of typically
40
µA. While this pin is low, the internal functions of the squib
driver IC are disabled and all data in the serial interface shift
registers is cleared. This includes all FEN 1 and 2 counter
programming, squib driver activation, and squib driver FET
tests. With a minimum system VDD ≤ 4.1 V, the system reset
bar threshold will be set to “0”.
FEN_1 and FEN_2 (FEN) ($C8 COMMAND)
FEN_1 and FEN_2 have an internal current pull-down of
typically 40
µA. While the FEN pin is low, firing of the FET
drivers is disabled. All internal diagnostic functions and
results will be available through the serial interface. The FEN
pin must be pulled high to enable firing of the FET drivers.
Also, the pin state can be used to turn the FET driver “ON”
and “OFF” after the arm and fire command has been issued.
(That is, once the FET drivers are turned on, pulling FEN_1
or FEN_2 low can turn the drivers off if the latch and hold
function is not active, and pulling FEN_1 or FEN_2 high will
activate the drivers if the fire command is still active). Status
of FEN 1 and FEN 2 is contained in the C8 diagnostic byte,
as shown in Table 7, Diagnostic Bit Definitions, page 23.)
The FEN_1 and FEN_2 function should be capable of
latching and holding the enable function for electronic safing
function input. This function is required for dual-stage air bag
applications. FEN_1 or FEN_2 will be considered active
when either pin is active (“1”) for more than 12 ms. Tolerance
range for the filter to be used will be 12 to 16
µs.
When FEN_1 or FEN_2 input is active high, the FEN_1 or
FEN_2 function will be active high. When the FEN_1 or
FEN_2 input state transitions from high to low, a
programmable latching function will hold the FEN function
active until the timeout of the FEN timer. The programmable
latch and hold function will be capable of delays from 1.0 ms
to 255 ms, in 1.0 ms increments. The timer is reset to
programmed time when FEN_1 or FEN_2 pin transitions from
“0” to “1”. The programmable counter delay will be set
through an SPI command during module power-up/prove-
out. The default for the counter will be 0 ms.
The bits FEN 1 and FEN 2 STATUS are a reflection of
their respective pins.
The counter will be reset to 0-Sec time during a reset
condition.
Notes
1. Status information will be required to read counter-
programmed value.
2. Precautions need to be taken in the design to prevent
the latching function from becoming a glitch catching
function.
FEN 1 and FEN 2 COUNTER PROGRAMMING ($80
and $81 COMMAND)
The FEN 1 and FEN 2 counters require two separate 8-bit
writes be made to the shift register. The first write is to unlock
($80 or $81) and reset the FEN counter registers in
preparation of receiving a command. The second byte
contains the programming information to set the required
counter delay time (0 ms to 255 ms with 1.0 ms interval).
Squib IC Power-Up default and $80 or $81 followed by $00
command will set the counter to 0 ms timer delay (refer to
Table 8, page 24.)
The FEN 1 and FEN 2 Counter programming status bits
are a reflection of the counters programming. The
programming status information can be compared to the data
sent to ensure the squib driver was programmed properly.
Counter programming status will be shifted from the shift
register during the next read/write operation (Table 8). All
unlock commands will be echoed back on the SPI Data
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com