Electronic Components Datasheet Search
  English  ▼

X  

33797 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 33797
Description  Four Channel Squib Driver IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33797 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 33797 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
33797
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Hex
Code
Command
Description
Command Programming Input and Diagnostic Data Out (Available on Next Command) (22)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XX
Programming
Command for
FEN 2 Counter
1=ON
FEN2 CNT
BIT 7
MS
FEN2 CNT
BIT 6
FEN2 CNT
BIT 5
FEN2 CNT
BIT 4
FEN2 CNT
BIT 3
FEN2 CNT
BIT 2
FEN2 CNT
BIT 1
FEN2 CNT
BIT 0
LS
Response DATA
OUT
FEN 2 Counter
Programming
Status
FEN2 CNT
BIT 7
MS
FEN2 CNT
BIT 6
FEN2 CNT
BIT 5
FEN2 CNT
BIT 4
FEN2 CNT
BIT 3
FEN2 CNT
BIT 2
FEN2 CNT
BIT 1
FEN2 CNT
BIT 0
LS
82
Unlock to Test
High-Squib Drivers
1A, 1B, 2A, 2B
1
0
0
0
0
0
1
0
Response DATA
Output: Command
Echoed
1
0
0
0
0
0
1
0
1X
High-Side Driver
Transistor Test
Command
0
0
0
1
SQB_ 2B
High-Side
Driver “ON”
SQB_ 2A
High-Side
Driver “ON”
SQB_1B
High-Side
Driver “ON”
SQB_1A
High-Side
Driver “ON”
Response DATA
OUT
High-Side Driver
Transistor Status
VTRANTST1
0
0
0
0
SQB_2B
HSDSTAT_2B
SQB_2A
HSDSTAT_2A
SQB_1B
HSDSTAT_1B
SQB_1A
HSDSTAT_1A
83
Unlock to Test Low
Squib Drivers 1A,
1B, 2A, and 2B
1
0
0
0
0
0
1
1
Response Data
Output: Command
Echoed
1
0
0
0
0
0
1
1
2X
Low-Side Driver
Transistor Test
Command
0
0
1
0
SQB_ 2B
Low-Side
Driver “ON”
SQB_2A
Low-Side
Driver “ON”
SQB_1B
Low-Side
Driver “ON”
SQB_1A
Low-Side
Driver “ON”
Response DATA
OUT Low-Side
Driver Transistor
Status VTRANTST2
0
0
0
0
SQB_2B
LSDSTAT_ 2B
SQB_2A
LSDSTAT_ 2A
SQB_1B
LSDSTAT_1B
SQB_1A
LSDSTAT_1A
Notes
22
The second byte for command programming will be treated as a NOP if any FET is firing. The programming commands have to be
sequential or they will be treated as a NOP.
Table 8. Command Programming and Diagnostic Bit Definitions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com