Electronic Components Datasheet Search
  English  ▼

X  

33797 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33797
Description  Four Channel Squib Driver IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33797 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33797 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33797
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Table 8. Command Programming and Diagnostic Bit Definitions
Hex
Code
Command
Description
Command Programming Input and Diagnostic Data Out (Available on Next Command) (21)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
3X
Current
Measurement
Register Reset
Command for
Squib X
Current 1=ON
0
0
1
1
SQB_2B
Data/Timer
Reset
SQB_2A
Data/Timer
Reset
SQB_1B
Data/Timer
Reset
SQB_1A
Data/Timer
Reset
DATA OUT
Squib X Current
Register Reset
Status
0
0
1
1
SQB_2B
Data/Timer
Reset
SQB_2A
Data/Timer
Reset
SQB_1B
Data/Timer
Reset
SQB_1A
Data/Timer
Reset
80
Unlock for FEN 1
Counter Registers
Programming.
1
0
0
0
0
0
0
0
Response DATA
Output: Command
Echoed
1
0
0
0
0
0
0
0
XX
Programming
Command for
FEN 1 Counter
1=ON
FEN1 CNT
BIT 7
MSB
FEN1 CNT
BIT 6
FEN1 CNT
BIT 5
FEN1 CNT
BIT 4
FEN1 CNT
BIT 3
FEN1 CNT
BIT 2
FEN1 CNT
BIT 1
FEN1 CNT
BIT 0
LSB
Response DATA
OUT
FEN 1 Counter
Programming
Status
FEN1 CNT
BIT 7
MSB
FEN1 CNT
BIT 6
FEN1 CNT
BIT 5
FEN1 CNT
BIT 4
FEN1 CNT
BIT 3
FEN1 CNT
BIT 2
FEN1 CNT
BIT 1
FEN1 CNT
BIT 0
LSB
81
Unlock for FEN 2
Counter Registers
Programming
1
0
0
0
0
0
0
1
Response DATA
Output: Command
Echoed
1
0
0
0
0
0
0
1
Notes
21
The second byte for command programming will be treated as a NOP if any FET is firing. The programming commands have to be
sequential or they will be treated as a NOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com