Electronic Components Datasheet Search
  English  ▼

X  

33797 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33797
Description  Four Channel Squib Driver IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33797 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33797 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33797
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 5. Driver Timing Diagram
Figure 6. Freescale SPI
Figure 7. Alternative SCI Mode
80%
20%
I
HS
t
ON
t
OFF
Chip
Select
(/CS)
CS
CS
CLK
MISO
MSB
654321
LSB
MOSI
MSB
654321
LSB
CS
CLK
MISO
MSB
654321
LSB
MOSI
MSB
6543
21
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com