Electronic Components Datasheet Search
  English  ▼

X  

33797 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33797
Description  Four Channel Squib Driver IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33797 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33797 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33797
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
Figure 8. Standard Squib Firing
Figure 9. Cross-Coupled Squib Firing
VFIRE
Squib 1
VBOOST
+
-
SPI Interface
CS1
SENSE_1A
$C2 Command checks this
SQUIB IC #1
VFIRE
Squib 2
Squib 1
VBOOST
+
-
+
-
SQUIB ASIC #1
SPI Interface
CS1
CS2
VFIRE
SQUIB ASIC #2
SENSE_1A
SENSE_1A
$C2 Command checks this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com