Electronic Components Datasheet Search
  English  ▼

X  

33797 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33797
Description  Four Channel Squib Driver IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33797 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33797 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33797
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VFIRE1A / VFIRE2A Current During High Side Safing Sensor Diagnostics
(Command $CO)
Per VFIREXA pin, with High Side Safing Sensor Diagnostic active
IRRE
260
350
400
µA
VFIRE1B / VFIRE2B Current During High Side Safing Sensor Diagnostics
(Command $CO)
Per VFIREXB pin, with High Side Safing Sensor Diagnostic active
IRRE
22
32
55
µA
VFIRE1B / VFIRE2B Current During VFIRE Diagnostics (Command $C5)
Either VFIRE!B or VFIRE2B Diagnostic active
IRRE
0.3
2.0
3.8
mA
VFIRE Quiescent Current - Total
All VFIRE pins measured together, with Diagnostics Off
IQVFIRETOTAL
90
135
180
µA
Maximum Allowable External Capacitance to Ground (9)
Per Squib pin SQB_LO and SQB_HI
CSMAX
–
–
0.12
µF
Maximum Allowable External Resistance to Ground During Firing (9)
VFIRE_RTN pin to Ground
RSMAX
–
–
0.15
Ω
Individual FET Driver Thermal Shutdown (9), (10)
TSD
160
–
190
C
FET Driver Thermal Shutdown Re-Enable Threshold After Drive Cool-down
(9), (10)
TREN
90
–
110
C
FET DRIVERS HIGH- AND LOW-SIDE DRIVER TRANSISTOR STATUS/DIAGNOSTICS ($82, $83 COMMANDS)
Voltage Transistor Test Threshold for High-Side Driver Transistor
VTRANTST1
5.5
6.0
6.5
V
High-Side Driver Current Limit During High-Side Driver Transistor
Diagnostics
15 V
≤ V
VFIRE_XX ≤ 35 V
ITRANTST1
2.0
10
50
mA
Voltage Transistor Test Threshold for Low-Side Driver Transistor
VTRANTST2
1.0
1.4
2.0
V
Low-Side Driver Current Limit During Low-Side Driver Transistor
Diagnostics
15 V
≤ V
VFIRE_XX ≤ 35 V
ITRANTST2
2.0
10
50
mA
FEN INPUT PIN (FEN_1 AND FEN_2)
Internal Current Pull-Down
IFEN
-25
-40
-50
µA
Logic Low Level
VFEN(LO)
0.0
2.5
0.35 x VDD
V
Fire Enable Pin Logic High Level
VFEN(HI)
0.65 x VDD
2.5
1.0 x VDD
V
Notes
9
Guaranteed by design.
10
With a nominal squib load, the FET squib driver will not enter thermal shutdown until the driver has been active for a minimum of 2.1 ms.
The individual squib driver thermal shutdown will not affect other squib driver firing ON times. With a shorted squib load, the FET squib
driver will not enter thermal shutdown until the driver has been active for a minimum of 2.1 ms. When the thermal shutdown limit is
exceeded, the FET driver will turn OFF and the thermal status bit will be set to 1. The FET squib driver can be activated through the
arm/fire command when the TEMPRENABLE (MIN) is reached (thermal shutdown status “0”). Nominal squib load: 2.15 Ω ±0.15 Ω.
Shorted squib load: 0.1
Ω.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V ≤ VDD ≤ 5.25 V; 7.0 V ≤ VVFIRE_XX ≤ 35 V; VVDIAG_X = VVFIRE_XX; FEN 1 = FEN 2
= VDD; RR_LIMIT_X = 10 kΩ ±1%, RR_DIAG = 10 kΩ ±1%, -40°C ≤ TA ≤ +85°C, GND = 0 unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com