Electronic Components Datasheet Search
  English  ▼

X  

33797 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33797
Description  Four Channel Squib Driver IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33797 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33797 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33797
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
R_HS Short Threshold
RHSS
2.8
–
4.1
κΩ
VFIRE_XA & VFIRE_XB Current during High Side Safing Test at Open
Threshold
VFIRE_1A & VFIRE_1B or VFIRE_2A & VFIRE_2B
I1HSO
270
360
410
µA
VFIRE_XA & VFIRE_XB Current during High Side Safing Test at Short
Threshold
VFIRE_1A & VFIRE_1B or VFIRE_2A & VFIRE_2B
I1HSS
287
385
436
µA
HIGH-SIDE SAFING SENSOR DIAGNOSTICS WITH 1 SAFING SENSOR IN FIRING PATH CONNECTED TO VFIRE_1A AND VFIRE_2A
PINS (GUARANTEED BY DESIGN) ($C0 COMMAND)
Total VFIRE_XX Current during High Side Safing Test at Open Threshold
VFIRE_1A, VFIRE_1B, VFIRE_2A & VFIRE_2B pins
I2HSO
574
705
835
µA
Total VFIRE_XX Current during High Side Safing Test at Short Threshold
VFIRE_1A, VFIRE_1B, VFIRE_2A & VFIRE_2B pins
I2HSS
605
748
892
µA
R_HS Valid Resistor Range
15 V
≤ V
VDIAG_X ≤ 35 V
R2HS
1.99
–
2.93
k
Ω
R_HS Open Threshold
15 V
≤ V
VDIAG_X ≤ 35 V
R2HSO
2.93
3.35
4.43
k
Ω
R_HS Short Threshold
15 V
≤ V
VDIAG_X ≤ 35 V
R2HSS
1.41
1.61
1.99
k
Ω
R_LIMIT RESISTOR DIAGNOSTICS ($C8 COMMAND)
R_LIMIT Valid Resistor Range
RRL
4.32
–
45.3
k
Ω
R_LIMIT Open Threshold (“Out of Range Threshold”)
RRLO
60
76
105
k
Ω
R_LIMIT Short-to-Ground Threshold (“Out of Range Threshold”)
RRLS
3.0
3.5
4.31
k
Ω
Maximum External Capacitance to Ground
CRL
–
–
20
pF
R_DIAG RESISTOR DIAGNOSTICS ($C8 COMMAND) (17)
R_DIAG Valid Resistor Range
RRD
8.0
–
13
k
Ω
R_DIAG Open Threshold (“Out of Range Threshold”)
RRDO
13
23
60
k
Ω
R_DIAG Short-to-Ground Threshold (“Out of Range Threshold”)
RRDS
3.0
5.4
8.0
k
Ω
Maximum External Capacitance to Ground
CRD
–
–
20
pF
Notes
17
By changing the R_DIAG resistor value, the resistance thresholds can be varied by a linear relationship.The R_DIAG resistance could
be changed by ±10% to shift the thresholds by ±10%. Design goal for resistance threshold change is ±15%. R_DIAG threshold limit may
have to be changed to accommodate ±15% change. Example: Shifting the R_DIAG resistance value ±10%, the resistance threshold
will change by ±10%. Refer to Table 4.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V ≤ VDD ≤ 5.25 V; 7.0 V ≤ VVFIRE_XX ≤ 35 V; VVDIAG_X = VVFIRE_XX; FEN 1 = FEN 2
= VDD; RR_LIMIT_X = 10 kΩ ±1%, RR_DIAG = 10 kΩ ±1%, -40°C ≤ TA ≤ +85°C, GND = 0 unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com