Electronic Components Datasheet Search
  English  ▼

X  

33797 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33797
Description  Four Channel Squib Driver IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33797 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33797 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33797 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33797
PIN CONNECTIONS
15
SENSE_1B
Input
Squib Sense 1B
Used during standard applications involving a four-channel
squib driver IC and during cross-coupling applications involving
two four-channel squib driver ICs (squib driver IC #1 and squib
driver IC #2).
16
SQB_LO_1B
Output
Squib Lo 1B
Drain of the low-side switch that connects to the low pin of
Squib_1B
17
SQB_LO_2B
Output
Squib Lo 2B
Drain of the low-side switch that connects to the low pin of
Squib_2B
18
SENSE_2B
Input
Squib Sense 2B
Used during standard applications involving a four-channel
squib driver IC and during cross-coupling applications involving
two four-channel squib driver ICs (squib driver IC #1 and squib
driver IC #2).
19
R_LIMIT_2
Output
Limit Resistor - 2A
and 2B
External resistor to ground is used to set current limit for
Squib_2A and squib_2B FET drivers.
20
FEN_2
Input
FET Driver 2A
and 2B
Active high input signal to enable operation of the squib_2A and
Squib_2B FET drivers.
21
SQB_HI_2B
Output
Squib Hi 2B
Drain of the high-side switch that connects to the low pin of
Squib_2B.
22
VFIRE_2B
Supply
Squib Firing Supply
2B
Firing supply pin for squib_2B.
23
R_DIAG
Input
Limit Resistor -
Diagnostic
External resistor to ground is used to set the diagnostic current
for squib resistance.
24
VFIRE_RTN
Ground
Squib Fire Power
Ground
Power Ground for squibs 1A, 1B, 2A, and 2B
25
VFIRE_RTN
Ground
Squib Fire Power
Ground
Power Ground for squibs 1A, 1B, 2A, and 2B
26
VDIAG_2
Supply
Squib Diagnostic 2A
and 2b
Diagnostic pin for high-side safing sensor for squibs 2A and 2B
and the VFIRE supply voltage.
27
VFIRE_2A
Supply
Squib Firing Supply
2A
Firing supply pin for squib_ 2A
28
SQB_HI_2A
Output
Squib Hi 2A
Drain of the high-side switch that connects to the low pin of
Squib_2A
29
RST
Input
Reset
Reset, Active Low
30
CS
Input
Chip Select
Chip Select for SPI interface, Active Low
31
SENSE_2A
Input
Squib Sense 2A
Used during standard applications involving a four-channel
squib driver IC or during cross-coupling applications involving
two four-channel squib driver ICs (squib driver IC #1 and squib
driver IC #2).
32
SQB_LO_2A
Output
Squib Lo 2A
Drain of the low-side switch that connects to the low pin of
Squib_2A
Table 1. Pin Function Description (continued)
Pin
Pin Name
Pin Function
Formal Name
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com