Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 5 Page - Oxford Semiconductor

Part # OXCB950
Description  Integrated High Performance UART Cardbus / 3.3v PCI interface
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCB950 Datasheet(HTML) 5 Page - Oxford Semiconductor

  OXCB950 Datasheet HTML 1Page - Oxford Semiconductor OXCB950 Datasheet HTML 2Page - Oxford Semiconductor OXCB950 Datasheet HTML 3Page - Oxford Semiconductor OXCB950 Datasheet HTML 4Page - Oxford Semiconductor OXCB950 Datasheet HTML 5Page - Oxford Semiconductor OXCB950 Datasheet HTML 6Page - Oxford Semiconductor OXCB950 Datasheet HTML 7Page - Oxford Semiconductor OXCB950 Datasheet HTML 8Page - Oxford Semiconductor OXCB950 Datasheet HTML 9Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
DS-0033 Sep 05
External-Free Release
Page 5
OXCB950
OXFORD SEMICONDUCTOR LTD.
1 PERFORMANCE COMPARISON
Feature
OXCB950
16C550 +
PCI Bridge
16C650 +
PCI Bridge
Support for PCI Power Management
yes
no
No
Zero wait-state read/write operation
yes
no
No
No. of external interrupt source pins
2
2
2
DWORD access to UART Interrupt Source
Registers & FIFO Levels
yes
no
No
Good-Data status
yes
no
No
Full Plug and Play with external EEPROM
yes
yes
Yes
External 1x baud rate clock
yes
no
No
Max baud rate in normal mode
15 Mbps
115 Kbps
1.5 Mbps
Max baud rate in 1x clock mode
60 Mbps
n/a
n/a
FIFO depth
128
16
64
Sleep mode
yes
no
Yes
Auto Xon/Xoff flow
yes
no
Yes
Auto CTS#/RTS# flow
yes
no
Yes
Auto DSR#/DTR# flow
yes
no
No
No. of Rx interrupt thresholds
128
4
4
No. of Tx interrupt thresholds
128
1
4
No. of flow control thresholds
128
n/a
4
Transmitter empty interrupt
yes
no
No
Readable status of flow control
yes
no
No
Readable FIFO levels
yes
no
No
Clock prescaler options
248
n/a
2
Rx/Tx disable
yes
no
No
Software reset
yes
no
No
Device ID
yes
no
No
9-bit data frames
yes
no
No
RS485 buffer enable
yes
no
No
Infra-red (IrDA)
yes
no
Yes
Table 1: OXCB950 performance compared with PCI Bridge + generic UART combinations in PCI mode
1.1
Improvements of the OXCB950 over discrete solutions:
Improved access timing:
Access to the internal UART requires zero or one PCI wait states. A cardbus/PCI read transaction from the internal UART can
complete within five PCI clock cycles and a write transaction to the internal UART can complete within four PCI clock cycles.
Reduces interrupt latency:
The OXCB950 offers shadowed FIFO levels and Interrupt status registers of the internal UART, as well as general device
interrupt status, to reduce the device driver interrupt latency.
Power management:
The OXCB950 complies with the Cardbus Power Management Specification, given by the PC CARD standard release 7.0/7.1,
the PCI Power Management Specification 1.0 and the PC98/99 Power Management specifications, by offering the extended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com