Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 32 Page - Oxford Semiconductor

Part # OXCB950
Description  Integrated High Performance UART Cardbus / 3.3v PCI interface
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCB950 Datasheet(HTML) 32 Page - Oxford Semiconductor

Back Button OXCB950 Datasheet HTML 28Page - Oxford Semiconductor OXCB950 Datasheet HTML 29Page - Oxford Semiconductor OXCB950 Datasheet HTML 30Page - Oxford Semiconductor OXCB950 Datasheet HTML 31Page - Oxford Semiconductor OXCB950 Datasheet HTML 32Page - Oxford Semiconductor OXCB950 Datasheet HTML 33Page - Oxford Semiconductor OXCB950 Datasheet HTML 34Page - Oxford Semiconductor OXCB950 Datasheet HTML 35Page - Oxford Semiconductor OXCB950 Datasheet HTML 36Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
DS-0033 Sep 05
External-Free Release
Page 32
OXCB950
OXFORD SEMICONDUCTOR LTD.
Register
Name
SPR
Offset 10
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Indexed Control Register Set
ACR
0x00
R/W
Addit-
ional
Status
Enable
ICR
Read
Enable
950
Trigger
Level
Enable
DTR definition and
control
Auto
DSR
Flow
Control
Enable
Tx
Disable
Rx
Disable
CPR
0x01
R/W
5 Bit “integer” part of
clock prescaler
3 Bit “fractional” part of
clock prescaler
TCR
0x02
R/W
Unused
4 Bit N-times clock
selection bits [3:0]
CKS
0x03
R/W
Tx 1x
Mode
Tx CLK
Select
BDOUT
on DTR
DTR 1x
Tx CLK
Rx 1x
Mode
0
Receiver
Clock Sel[1:0]
TTL
0x04
R/W
Unused
Transmitter Interrupt Trigger Level (0-127)
RTL
0x05
R/W
Unused
Receiver Interrupt Trigger Level (1-127)
FCL
0x06
R/W
Unused
Automatic Flow Control Lower Trigger Level (0-127)
FCH
0x07
R/W
Unused
Automatic Flow Control Higher Trigger level (1-127)
ID1
0x08
R
Hardwired ID byte 1 (0x16)
ID2
0x09
R
Hardwired ID byte 1 (0xC9)
ID3
0x0A
R
Hardwired ID byte 1 (0x50)
REV
0x0B
R
Hardwired revision byte (0x05)
CSR
0x0C
W
Writing 0x00 to this register will
reset the UART (Except the CKS and CKA registers)
NMR
0x0D
R/W
Unused
9th Bit
SChar 4
9th Bit
SChar 3
9th Bit
SChar 2
9th Bit
SChar 1
9th-bit Int.
En.
9 Bit
Enable
MDM
0x0E
R/W
0
0
SIN
wakeup
disable
Modem
Wakeup
Disable
∆ DCD
Wakeup
disable
Trailing
RI edge
disable
∆ DSR
Wakeup
disable
∆ CTS
Wakeup
disable
RFC
0X0F
R
FCR[7]
FCR[6]
FCR[5]
FCR[4]
FCR[3]
FCR[2]
FCR[1]
FCR[0]
GDS
0X10
R
Unused
Good
Data
Status
DMS
0x11
R/W
Force
TxRdy
inactive
Force
RxRdy
inactive
Unused
TxRdy
status
( R )
RxRdy
status
( R )
PIDX
0x12
R
Hardwired Port Index ( 0x00 )
CKA
0x13
R/W
Unused
Invert
DTR
signal
Invert
internal
tx clock
Invert
internal
rx clock
Table 11: Indexed Control Register Set
Note 10:
The SPR offset column indicates the value that must be written into SPR prior to reading / writing any of the Indexed Control Registers via ICR.
Offset values not listed in the table are reserved for future use and must not be used.
To read or write to any of the Indexed Controlled Registers use the following procedure:
Writing to ICR registers:
Ensure that the last value written to LCR was not 0xBF (reserved for 650 compatible register access value).
Write the desired offset to SPR (address 111b).
Write the desired value to ICR (address 101b).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com