Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 1 Page - Oxford Semiconductor

Part # OXCB950
Description  Integrated High Performance UART Cardbus / 3.3v PCI interface
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCB950 Datasheet(HTML) 1 Page - Oxford Semiconductor

  OXCB950 Datasheet HTML 1Page - Oxford Semiconductor OXCB950 Datasheet HTML 2Page - Oxford Semiconductor OXCB950 Datasheet HTML 3Page - Oxford Semiconductor OXCB950 Datasheet HTML 4Page - Oxford Semiconductor OXCB950 Datasheet HTML 5Page - Oxford Semiconductor OXCB950 Datasheet HTML 6Page - Oxford Semiconductor OXCB950 Datasheet HTML 7Page - Oxford Semiconductor OXCB950 Datasheet HTML 8Page - Oxford Semiconductor OXCB950 Datasheet HTML 9Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
External—Free Release
Oxford Semiconductor Ltd.
25 Milton Park, Abingdon, Oxon
OX14 4SH, UK
Tel: +44 (0)1235 824900
Fax: +44(0)1235 821141
 Oxford Semiconductor 2005
OXCB950 Datasheet DS-0033 Sep 05
Part Nos. OXCB950-TQC60-A
OXCB950-TQAG
FEATURES
•
Single high-performance UART channel
•
Cardbus/3.3v PCI compliant, single-function target
controller. Fully compliant to PC Card Standards,
and PCI Bus Specification 2.2, Power Management
1.0
•
Function access to preconfigure the UART prior to
handover to generic device drivers
•
UART fully software compatible with 16C550-type
devices.
•
Baud rates up to 15Mbps in asynchronous mode and
60Mbps in external 1x clock mode
•
128-byte deep FIFO per transmitter and receiver
•
Flexible clock prescaler from 1 to 31.875
•
Automated in-band flow control using programmable
Xon/Xoff in both directions
•
Automated out-of-band flow control using CTS#/RTS#
and/or DSR#/DTR#
•
Arbitrary trigger levels for receiver and transmitter
FIFO interrupts and automatic in-band and out-of-
band flow control
•
Infra-red (IrDA) receiver and transmitter operation
•
9-bit data framing as well as 5,6,7 and 8
•
Global Interrupt Status and readable FIFO levels to
facilitate implementation of efficient device drivers
•
Detection of bad data in the receiver FIFO
•
Operation via IO or memory mapping.
•
2 multi-purpose I/O pins which can be configured as
interrupt input or ‘wake-up’ pins
•
Auto-detection of optional MicrowireTM EEPROM, to
reconfigure device
•
3.3V operation
•
100 pin TQFP package
DESCRIPTION
The OXCB950 is a single chip UART solution for either
cardbus or PCI-based serial add-in cards. It is a single
function device, offering memory or IO mapped access to
the ultra-high performance 950-type UART.
This UART is the fastest available PC-compatible UART,
offering data rates up to 15Mbps and 128-byte deep
transmitter and receiver FIFOs. The deep FIFOs reduce
CPU overhead and allow utilisation of higher data rates.
The UART is software compatible with the widely used
industry-standard 16C550 devices and compatibles, as
well as the OX16C95x family of high performance UARTs.
In addition to increased performance and FIFO size, the
UART also provides the full set of OX16C95x enhanced
features including automated in-band flow control, readable
FIFO levels etc.
A set of local registers is available to enhance device driver
efficiency and reduce interrupt latency. The internal UART
has features such as shadowed FIFO fill levels, an interrupt
source register and Good-Data Status, readable in one
DWORD register visible to logical function0 in IO space
and memory space.
The efficient 32-bit, 33MHz target-only interface is
compliant with both the cardbus sections of the PC CARD
Standards, and the PCI bus specifications version 2.2 and
version 1.0 of PCI Power Management Specification.
For full flexibility, all the default register values can be
overwritten using an optional MicrowireTM serial EEPROM.
This EEPROM can also be used to provide function access
to pre-configure the UART into enhanced modes prior to
any cardbus/PCI configuration accesses and before control
is handed to generic device drivers.
OXCB950 DATASHEET
Integrated High Performance UART
Cardbus / 3.3v PCI interface
DS_B005A_00


Similar Part No. - OXCB950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OXCB950 ETC-OXCB950 Datasheet
409Kb / 68P
Integrated High Performance UART Cardbus / PCI interface
logo
PLX Technology
OXCB950 PLX-OXCB950 Datasheet
115Kb / 2P
32-bit PC card bridge to serial port
More results

Similar Description - OXCB950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OXCB950 ETC-OXCB950 Datasheet
409Kb / 68P
Integrated High Performance UART Cardbus / PCI interface
logo
Oxford Semiconductor
OX16CB950 OXFORD-OX16CB950 Datasheet
19Kb / 2P
Intelligent UART with 3.3v PCI/Cardbus Interface
OX16PCI954 OXFORD-OX16PCI954 Datasheet
654Kb / 72P
Integrated Quad UART and PCI interface
OX16PCI954 OXFORD-OX16PCI954_05 Datasheet
452Kb / 73P
Integrated Quad UART and PCI interface
logo
Exar Corporation
XR17V352 EXAR-XR17V352 Datasheet
1Mb / 64P
HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V354 EXAR-XR17V354 Datasheet
1Mb / 66P
HIGH PERFORMANCE QUAD PCI-EXPRESS UART
XR17V358 EXAR-XR17V358 Datasheet
1Mb / 68P
HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V358IB-0A-EVB EXAR-XR17V358IB-0A-EVB Datasheet
1Mb / 68P
HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V352IB-0A-EVB EXAR-XR17V352IB-0A-EVB Datasheet
1Mb / 64P
HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V354IB-E4-EVB EXAR-XR17V354IB-E4-EVB Datasheet
1Mb / 67P
HIGH PERFORMANCE QUAD PCI-EXPRESS UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com