Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 38 Page - Oxford Semiconductor

Part # OXCB950
Description  Integrated High Performance UART Cardbus / 3.3v PCI interface
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCB950 Datasheet(HTML) 38 Page - Oxford Semiconductor

Back Button OXCB950 Datasheet HTML 34Page - Oxford Semiconductor OXCB950 Datasheet HTML 35Page - Oxford Semiconductor OXCB950 Datasheet HTML 36Page - Oxford Semiconductor OXCB950 Datasheet HTML 37Page - Oxford Semiconductor OXCB950 Datasheet HTML 38Page - Oxford Semiconductor OXCB950 Datasheet HTML 39Page - Oxford Semiconductor OXCB950 Datasheet HTML 40Page - Oxford Semiconductor OXCB950 Datasheet HTML 41Page - Oxford Semiconductor OXCB950 Datasheet HTML 42Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
DS-0033 Sep 05
External-Free Release
Page 38
OXCB950
OXFORD SEMICONDUCTOR LTD.
7.6
Interrupts & Sleep Mode
The serial channel interrupts are asserted on the PCI
INTA# pin. The interrupts can be enabled or disabled using
the GIS register interrupt mask (see section 6.4.4) and the
IER register. Unlike generic 16C550 devices, the interrupt
can not be disabled using the implementation-specific
MCR[3].
7.6.1
Interrupt Enable Register ‘IER’
Serial channel interrupts are enabled using the Interrupt
Enable Register (‘IER’).
IER[0]: Receiver data available interrupt mask
logic 0
⇒ Disable the receiver ready interrupt.
logic 1
⇒ Enable the receiver ready interrupt.
IER[1]: Transmitter empty interrupt mask
logic 0
⇒ Disable the transmitter empty interrupt.
logic 1
⇒ Enable the transmitter empty interrupt.
IER[2]: Receiver status interrupt
Normal mode:
logic 0
⇒ Disable the receiver status interrupt.
logic 1
⇒ Enable the receiver status interrupt.
9-bit data mode:
logic 0
⇒ Disable receiver status and address bit
interrupt.
logic 1
⇒ Enable receiver status and address bit
interrupt.
In 9-bit mode (i.e. when NMR[0] is set), reception of a
character with the address-bit (i.e. 9th bit) set can generate
a level 1 interrupt if IER[2] is set.
IER[3]: Modem status interrupt mask
logic 0
⇒ Disable the modem status interrupt.
logic 1
⇒ Enable the modem status interrupt.
IER[4]: Sleep mode
logic 0
⇒ Disable sleep mode.
logic 1
⇒ Enable sleep mode whereby the internal clock
of the channel is switched off.
Sleep mode is described in section 7.6.4.
IER[5]: Special character interrupt mask or alternate
sleep mode
9-bit data framing mode:
logic 0
⇒ Disable the received special character interrupt.
logic 1
⇒ Enable the received special character interrupt.
In 9-bit data mode, The receiver can detect up to four
special characters programmed in the Special Character
Registers (see map on page 31). When IER[5] is set, a
level 5 interrupt is asserted when the receiver character
matches one of the values programmed.
650/950 modes (non-9-bit data framing):
logic 0
⇒ Disable the special character receive interrupt.
logic 1
⇒ Enable the special character receive interrupt.
In 16C650 compatible mode when the device is in
Enhanced mode (EFR[4]=1), this bit enables the detection
of special characters. It enables both the detection of
XOFF characters (when in-band flow control is enabled via
EFR[3:0]) and the detection of the XOFF2 special
character (when enabled via EFR[5]).
750 mode (non-9-bit data framing):
logic 0
⇒ Disable alternate sleep mode.
logic 1
⇒ Enable alternate sleep mode whereby the
internal clock of the channel is switched off.
In 16C750 compatible mode (i.e. non-Enhanced mode),
this bit is used an alternate sleep mode and has the same
effect as IER[4].
IER[6]: RTS interrupt mask
logic 0
⇒ Disable the RTS interrupt.
logic 1
⇒ Enable the RTS interrupt.
This enable is only operative in Enhanced mode
(EFR[4]=1). In non-Enhanced mode, RTS interrupt is
permanently enabled
IER[7]: CTS interrupt mask
logic 0
⇒ Disable the CTS interrupt.
logic 1
⇒ Enable the CTS interrupt.
This enable is only operative in Enhanced mode
(EFR[4]=1). In non-Enhanced mode, CTS interrupt is
permanently enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com