Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 44 Page - Oxford Semiconductor

Part # OXCB950
Description  Integrated High Performance UART Cardbus / 3.3v PCI interface
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCB950 Datasheet(HTML) 44 Page - Oxford Semiconductor

Back Button OXCB950 Datasheet HTML 40Page - Oxford Semiconductor OXCB950 Datasheet HTML 41Page - Oxford Semiconductor OXCB950 Datasheet HTML 42Page - Oxford Semiconductor OXCB950 Datasheet HTML 43Page - Oxford Semiconductor OXCB950 Datasheet HTML 44Page - Oxford Semiconductor OXCB950 Datasheet HTML 45Page - Oxford Semiconductor OXCB950 Datasheet HTML 46Page - Oxford Semiconductor OXCB950 Datasheet HTML 47Page - Oxford Semiconductor OXCB950 Datasheet HTML 48Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
DS-0033 Sep 05
External-Free Release
Page 44
OXCB950
OXFORD SEMICONDUCTOR LTD.
7.10 Baud Rate Generation
7.10.1 General Operation
The UART contains a programmable baud rate generator
that is capable of taking any clock input from 1.8432MHz to
60MHz and dividing it by any 16-bit divisor number from 1
to 65535 written into the DLM (MSB) and DLL (LSB)
registers. In addition to this, a clock prescaler register is
provided which can further divide the clock by values in the
range 1.0 to 31.875 in steps of 0.125. Also, a further
feature is the Times Clock Register ‘TCR’ which allows the
sampling clock to be set to any value between 4 and 16.
These clock options allow for highly flexible baud rate
generation capabilities from almost any input clock
frequency (up to 60MHz). The actual transmitter and
receiver baud rate is calculated as follows:
prescaler
Divisor
SC
InputClock
BaudRate
*
*
=
Where:
SC
= Sample clock values defined in TCR[3:0]
Divisor = DLL + ( 256 x DLM )
Prescaler = 1 when MCR[7] = ‘0’ else:
= M + ( N / 8 ) where:
M
= CPR[7:3] (Integer part – 1 to 31)
N
= CPR[2:0] (Fractional part – 0.000 to 0.875 )
After a hardware reset, the precaler is bypassed (set to 1)
and TCR is set to 0x00 (i.e. SC = 16). Assuming this
default configuration, the following table gives the divisors
required to be programmed into the DLL and DLM registers
in order to obtain various standard baud rates:
DLM:DLL
Divisor Word
Baud Rate
(bits per second)
0x0900
50
0x0300
110
0x0180
300
0x00C0
600
0x0060
1,200
0x0030
2,400
0x0018
4,800
0x000C
9,600
0x0006
19,200
0x0004
28,800
0x0003
38,400
0x0002
57,600
0x0001
115,200
Table 19: Standard PC COM Port Baud Rate Divisors
(assuming a 1.8432MHz crystal)
7.10.2 Clock Prescaler Register ‘CPR’
The CPR register is located at offset 0x01 of the ICR
The prescaler divides the system clock by any value in the
range of 1 to “31 7/8” in steps of 1/8. The divisor takes the
form “M+N/8”, where M is the 5 bit value defined in
CPR[7:3] and N is the 3 bit value defined in CPR[2:0].
The prescaler is by-passed and a prescaler value of ‘1’ is
selected by default when MCR[7] = 0.
Note that since access to MCR[7] is restricted to Enhanced
mode only, EFR[4] should first be set and then MCR[7] set
or cleared as required.
For higher baud rates use a higher frequency clock, e.g.
14.7456MHz, 18.432MHz, 32MHz, 40MHz or 60.0MHz.
The flexible prescaler allows system designers to use
clocks that are not integer multiples of popular baud rates;
when using a non-standard clock frequency, compatibility
with existing 16C550 software drivers may be maintained
with a minor software patch to program the on-board
prescaler to divide the high frequency clock down to
1.8432MHz.
Table 21 on the following page gives the prescaler values
required to operate the UARTs at compatible baud rates
with various different crystal frequencies. Also given is the
maximum available baud rates in TCR = 16 and TCR = 4
modes with CPR = 1.
7.10.3 Times Clock Register ‘TCR’
The TCR register is located at offset 0x02 of the ICR
The 16C550 and other compatible devices such as 16C650
and 16C750 use a 16 times (16x) over-sampling channel
clock. The 16x over-sampling clock means that the channel
clock runs at 16 times the selected serial bit rate. It limits
the highest baud rate to 1/16 of the system clock when
using a divisor latch value of unity. However, the OXCB950
UART is designed in a manner to enable it to accept other
multiplications of the bit rate clock. It can use values from
4x to 16x clock as programmed in the TCR as long as the
clock (oscillator) frequency error, stability and jitter are
within reasonable parameters. Upon hardware reset the
TCR is reset to 0x00 which means that a 16x clock will be
used, for compatibility with the 16C550 and compatibles.
The maximum baud-rates available for various system
clock frequencies at all of the allowable values of TCR are
indicated in Table 22 on the following page. These are the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com