Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 45 Page - Oxford Semiconductor

Part # OXCB950
Description  Integrated High Performance UART Cardbus / 3.3v PCI interface
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCB950 Datasheet(HTML) 45 Page - Oxford Semiconductor

Back Button OXCB950 Datasheet HTML 41Page - Oxford Semiconductor OXCB950 Datasheet HTML 42Page - Oxford Semiconductor OXCB950 Datasheet HTML 43Page - Oxford Semiconductor OXCB950 Datasheet HTML 44Page - Oxford Semiconductor OXCB950 Datasheet HTML 45Page - Oxford Semiconductor OXCB950 Datasheet HTML 46Page - Oxford Semiconductor OXCB950 Datasheet HTML 47Page - Oxford Semiconductor OXCB950 Datasheet HTML 48Page - Oxford Semiconductor OXCB950 Datasheet HTML 49Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
DS-0033 Sep 05
External-Free Release
Page 45
OXCB950
OXFORD SEMICONDUCTOR LTD.
values in bits-per-second (bps) that are obtained if the
divisor latch = 0x01 and the Prescaler is set to 1.
The OXCB950 has the facility to operate at baud-rates up
to 15 Mbps in normal mode.
Table 26 indicates how the value in the register
corresponds to the number of clock cycles per bit. TCR[3:0]
is used to program the clock. TCR[7:4] are unused and will
return “0000” if read.
TCR[3:0]
Clock cycles per bit
0000 to 0011
16
0100 to 1111
4-15
Table 20: TCR Sample Clock Configuration
Use of the TCR does not require the device to be in 650 or
950 mode although only drivers that have been written to
take advantage of the 950 mode features will be able to
access this register. Writing 0x01 to the TCR will not switch
the device into 1x isochronous mode, this is explained in
the following section. (TCR has no effect in isochronous
mode). If 0x01, 0x10 or 0x11 is written to TCR the device
will operate in 16x mode.
Reading TCR will always return the last value that was
written to it irrespective of mode of operation.
Clock
Frequency
(MHz)
CPR value
Effective
crystal
frequency
Error from
1.8432MHz
(%)
Max. Baud rate
with CPR = 1,
TCR = 16
Max. Baud rate
with CPR = 1,
TCR = 4
1.8432
0x08 (1)
1.8432
0.00
115,200
460,800
7.3728
0x20 (4)
1.8432
0.00
460,800
1,843,200
14.7456
0x40 (8)
1.8432
0.00
921,600
3,686,400
18.432
0x50 (10)
1.8432
0.00
1,152,000
4,608,000
32.000
0x8B (17.375)
1.8417
0.08
2,000,000
8,000,000
33.000
0x8F (17.875)
1.8462
0.16
2,062,500
8,250,000
40.000
0xAE (21.75)
1.8391
0.22
2,500,000
10,000,000
50.000
0xD9 (27.125)
1.8433
0.01
3,125,000
12,500,000
60.000
0xFF (31.875)
1.8824
2.13
3,750,000
15,000,000
Table 21: Example clock options and their associated maximum baud rates
System Clock (MHz)
Sampling
Clock
TCR
Value
1.8432
7.372
14.7456
18.432
32
40
50
60
16
0x00
115,200
460,750
921,600
1.152M
2.00M
2.50M
3.125M
3.75M
15
0x0F 122,880
491,467
983,040 1,228,800 2,133,333 2,666,667 3,333,333
4.00M
14
0x0E 131,657
526,571 1,053,257 1,316,571 2,285,714 2,857,143 3,571,429 4,285,714
13
0x0D 141,785
567,077 1,134,277 1,417,846 2,461,538 3,076,923 3,846,154 4,615,384
12
0x0C 153,600
614,333 1,228,800 1,536,000 2,666,667 3,333,333 4,166,667
5.00M
11
0x0B 167,564
670,182 1,340,509 1,675,636 2,909,091 3,636,364 4,545,455 5,454545
10
0x0A 184,320
737,200 1,474,560 1,843,200
3.20M
4.00M
5.00M
6.00M
9
0x09
204,800
819,111 1,638,400 2,048,000 3,555,556 4,444,444 5,555,556 6,666,667
8
0x08
230,400
921,500 1,843,200 2,304,000
4.00M
5.00M
6.25M
7.50M
7
0x07
263,314 1,053,143 2,106,514 2,633,143 4,571,429 5,714,286 7,142,857 8,571428
6
0x06
307,200 1,228,667 2,457,600 3,072,000 5,333,333 6,666,667 8,333,333
10.00M
5
0x05
368,640 1,474,400 2,949,120 3,686,400
6.40M
8.00M
10.00M
12.00M
4
0x04
460,800 1,843,000 3,686,400 4,608,000
8.00M
10.00M
12.50M
15.00M
Table 22: Maximum Baud Rates Available at all ‘TCR’ Sampling Clock Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com