Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 52 Page - Oxford Semiconductor

Part # OXCB950
Description  Integrated High Performance UART Cardbus / 3.3v PCI interface
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCB950 Datasheet(HTML) 52 Page - Oxford Semiconductor

Back Button OXCB950 Datasheet HTML 48Page - Oxford Semiconductor OXCB950 Datasheet HTML 49Page - Oxford Semiconductor OXCB950 Datasheet HTML 50Page - Oxford Semiconductor OXCB950 Datasheet HTML 51Page - Oxford Semiconductor OXCB950 Datasheet HTML 52Page - Oxford Semiconductor OXCB950 Datasheet HTML 53Page - Oxford Semiconductor OXCB950 Datasheet HTML 54Page - Oxford Semiconductor OXCB950 Datasheet HTML 55Page - Oxford Semiconductor OXCB950 Datasheet HTML 56Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
DS-0033 Sep 05
External-Free Release
Page 52
OXCB950
OXFORD SEMICONDUCTOR LTD.
8 SERIAL EEPROM SPECIFICATION
The OXCB950 can be configured using an optional serial
electrically-erasable programmable read only memory
(EEPROM). If the EEPROM is not present, the device will
remain in its default configuration after reset. Although this
may be adequate for some applications, many will benefit
from the degree of programmability afforded by this
feature. The EEPROM also allows accesses to the
integrated UART, which can be useful for default setups.
The EEPROM interface supports a variety of serial
EEPROM devices that have a proprietary serial interface
known as MicrowireTM. This interface has four pins which
supply the memory device with a clock, a chip-select, and
serial data input and output lines. In order to read from
such a device, a controller has to output serially a read
command and address, then input serially the data. The
interface controller has been designed to handle
(autodetect) the following list of compatible devices that
have a 16-bit data word format but differ in memory size
(and hence the number of address bits). NM93C46 (64
WORDS), NM93C56 (128 WORDS), devices with 256
WORDS, 512 WORDs and 1024 WORDS.
The OXCB950 incorporates a controller module which
reads data from the serial EEPROM and writes data into
the relevant register space. It performs this operation in a
sequence which starts immediately after a cardbus/PCI bus
reset and ends either when the controller finds no
EEPROM is present or when it reaches the end of the
eeprom data. Note that any attempted cardbus/PCI access
while the eeprom is being sensed or data is being
downloaded from the serial EEPROM will result in a “retry”
response. The operation of this controller is described
below.
Following device configuration, driver software can access
the serial EEPROM through four bits in the device-specific
Local Configuration Register LCC[27:24]. Software can use
this register to manipulate the device pins in order to read
and modify the EEPROM contents as desired.
A Windows
 based utility to program the EEPROM is
available. For further details please contact Oxford
Semiconductor (see back cover).
MicrowireTM is a trade mark of National Semiconductor. For a description
of MicrowireTM, please refer to National Semiconductor data manuals.
8.1
EEPROM Data Organisation
The serial EEPROM data is divided into six zones. The
size of each zone is an exact multiple of 16-bit WORDs.
Zone0 is allocated to the header. An EEPROM program
must contain a valid header before any further data is
interrogated. The EEPROM can be programmed from the
PCI bus. Once the programming is complete, the device
driver should either reset the PCI bus or set LCC[29] to
reload the OXCB950 registers from the serial EEPROM.
The general EEPROM data structure is shown in Table 24.
DATA
Zone
Size
(Words)
Description
0
One
Header
1
One or more
Power (Management) Data
2
One to more
Local Configuration Registers
3
Two or more
Cardbus Information Structure
4
Two or more
PCI Configuration Registers
5
Multiples of 2 Function Access
Table 24: EEPROM data format
8.1.1
Zone0: Header
The header identifies the EEPROM program as valid.
Bits
Description
15:8
These bits should return 0xB5 to identify a valid
program. Once the OXCB950 reads 0xB5 from
these bits, it sets LCC[28] to indicate that a valid
EEPROM program is present.
7:5
Reserved for future Zones. Set to 0.
4
1 = Zone1 (Power Management Data) exists
0 = Zone1 does not exist
3
1 = Zone2 (Local Configuration) exists
0 = Zone2 does not exist
2
1 = Zone3 (Cardbus Information structure) exists
0 = Zone3 does not exist
1
1 = Zone4 (PCI Configuration) exists
0 = Zone4 does not exist
0
1 = Zone5 (Function Access) exists
0 = Zone5 does not exist
The programming data for each zone follows the
proceeding zone if it exists. For example a Header value of
0xB51F indicates that all zones exist and they follow one
another in sequence (from Zone1 to Zone5), while 0xB514
indicates that only Zones 1 and 3 exist where the header
data is followed by Zone1 WORDs, and since Zone2 is
missing Zone1 WORDs are followed by Zone3 WORDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com