Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 16 Page - Oxford Semiconductor

Part # OXCB950
Description  Integrated High Performance UART Cardbus / 3.3v PCI interface
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCB950 Datasheet(HTML) 16 Page - Oxford Semiconductor

Back Button OXCB950 Datasheet HTML 12Page - Oxford Semiconductor OXCB950 Datasheet HTML 13Page - Oxford Semiconductor OXCB950 Datasheet HTML 14Page - Oxford Semiconductor OXCB950 Datasheet HTML 15Page - Oxford Semiconductor OXCB950 Datasheet HTML 16Page - Oxford Semiconductor OXCB950 Datasheet HTML 17Page - Oxford Semiconductor OXCB950 Datasheet HTML 18Page - Oxford Semiconductor OXCB950 Datasheet HTML 19Page - Oxford Semiconductor OXCB950 Datasheet HTML 20Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
DS-0033 Sep 05
External-Free Release
Page 16
OXCB950
OXFORD SEMICONDUCTOR LTD.
6.3
Accessing the UART function
Access to the internal UART is achieved (at addresses defined by the Base Address Registers in the PCI configuration space)
via standard I/O and memory mapping. These BARs are configured by the system to allocate blocks of I/O and memory space to
this logical function, according to the size required by the function. The base addresses that have been allocated can then be
used to access this uart function. The mapping of these BARs is shown in the table below.
BAR
UART Function
0
Internal UART (I/O Mapped)
1
Internal UART(Memory Mapped)
2
Local configuration registers (I/O Mapped)
3
Local configuration registers (Memory Mapped)
4
Cardbus Status Registers (Memory Mapped)
– relevant to cardbus mode only
5
Unused
Table 4: Base Address Register (BAR) definition
6.3.1
Cardbus/PCI access to the internal UART
IO and memory space
BAR 0 and BAR 1 of function 0 are used to access the internal UART. The function reserves an 8-byte block of I/O space and a
4K byte block of memory space. Once the I/O and/or the Memory access enable bits in the Command register (of the PCI
configuration space) are set, the UART can be accessed following the mapping shown in Table 5.
UART
Address
Cardbus/PCI Offset from Base Address 0
for Function0 in IO space (hex)
(hex)
0
0
1
1
2
2
3
3
4
4
5
5
6
6
7
7
UART
Address
Cardbus/PCI Offset from Base Address 1
for Function0 in Memory space (hex)
000
00
001
04
002
08
003
0C
004
10
005
14
006
18
007
1C
Table 5: Cardbus/PCI address map for the internal UART (I/O and memory)
Note 1:
Since 4K of memory space is reserved and the full bus address is not used for decoding, there are a number of aliases of the UART in the allocated
memory region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com