Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 25 Page - Oxford Semiconductor

Part # OXCB950
Description  Integrated High Performance UART Cardbus / 3.3v PCI interface
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCB950 Datasheet(HTML) 25 Page - Oxford Semiconductor

Back Button OXCB950 Datasheet HTML 21Page - Oxford Semiconductor OXCB950 Datasheet HTML 22Page - Oxford Semiconductor OXCB950 Datasheet HTML 23Page - Oxford Semiconductor OXCB950 Datasheet HTML 24Page - Oxford Semiconductor OXCB950 Datasheet HTML 25Page - Oxford Semiconductor OXCB950 Datasheet HTML 26Page - Oxford Semiconductor OXCB950 Datasheet HTML 27Page - Oxford Semiconductor OXCB950 Datasheet HTML 28Page - Oxford Semiconductor OXCB950 Datasheet HTML 29Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
DS-0033 Sep 05
External-Free Release
Page 25
OXCB950
OXFORD SEMICONDUCTOR LTD.
6.7
Cardbus Status Registers
The 4 32-bit cardbus status registers as defined by the tuple CISTPL_CONFIG_CB are detailed below. These are available
when the parameter ‘enable cardbus status registers’ has been enabled in the device’s local configuration register LCC. These
registers are relevant to the cardbus mode of the device and have no meaning for the pci mode of the device.
Function Event Register (offset +00 from BAR4)
This register returns the latched states of any internal power management events and internal interrupt/powerdown requests
(which would otherwise have set the device’s interrupt pin and CSYSCHG pin if the corresponding fields in the Function Event
Mask Register are also set)
Reserved
15
Reserved
4 3 2 1 0
BIt0 - WP (Write Protect).
Not implemented. Returns 0.
Bit1 – Ready.
Not implemented. Returns 0.
BIt2 – Battery Voltage Detect 2 (BVD2).
Not implemented. Returns 0.
Bit3 – Battery Voltage Detect 1 (BVD1)
Not implemented. Returns 0.
Bit4 – General Wakeup (GWAKE)
Set when the corresponding field in the Function Present State register
Indicates an internal ‘wakeup’ (Power Management Event) event.
Cleared by Writing a “1” into this field. Writing ‘0’ has no effect.
Bit 15 – Interrupt (INTR)
Set when the corresponding field in the Function Present State register
indicates an internal interrupt/powerdown request.
Cleared by Writing a “1” into this field. Writing ‘0’ has no effect.
Function Event Mask Register (offset +04 from BAR4)
This register controls the assertion of the device’s interrupt pin and the CSYSCHG pin.
Reserved
15
14
Reserved
4 3 2 1 0
BIt0 - WP (Write Protect).
Not implemented. Returns 0.
Bit1 – Ready.
Not implemented. Returns 0.
BIt2 – Battery Voltage Detect 2 (BVD2).
Not implemented. Returns 0.
Bit3 – Battery Voltage Detect 1 (BVD1)
Not implemented. Returns 0.
Bit4 – General Wakeup (GWAKE)
Set according to the PME_En bit in the PCI power Management Registers.
Default value returns 0 (wakeups disabled)
Bit14 – Wakeup (WKUP)
Set according to the PME_En bit in the PCI power Management Registers
Default value returns 0 (wakeups disabled)
Bits 4, 14 collectively control the assertion of the power management event line
CSYSCHG when an internal wakeup request has been latched into the
GWAKE field in the function event register.
Bit 15 – Interrupt (INTR)
Interrupt Mask. Controls the assertion of the cardbus CINT# line when an
internal interrupt/powerdown request has been latched into the corresponding
field in the Function Event register. Default value is 0 (interrupts disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com