Electronic Components Datasheet Search
  English  ▼

X  

OXCB950 Datasheet(PDF) 9 Page - Oxford Semiconductor

Part # OXCB950
Description  Integrated High Performance UART Cardbus / 3.3v PCI interface
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCB950 Datasheet(HTML) 9 Page - Oxford Semiconductor

Back Button OXCB950 Datasheet HTML 5Page - Oxford Semiconductor OXCB950 Datasheet HTML 6Page - Oxford Semiconductor OXCB950 Datasheet HTML 7Page - Oxford Semiconductor OXCB950 Datasheet HTML 8Page - Oxford Semiconductor OXCB950 Datasheet HTML 9Page - Oxford Semiconductor OXCB950 Datasheet HTML 10Page - Oxford Semiconductor OXCB950 Datasheet HTML 11Page - Oxford Semiconductor OXCB950 Datasheet HTML 12Page - Oxford Semiconductor OXCB950 Datasheet HTML 13Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
DS-0033 Sep 05
External-Free Release
Page 9
OXCB950
OXFORD SEMICONDUCTOR LTD.
UART pins
Dir2
Name
Description
49
T_O
EXT_DATA_OUT
IrDA_Out
UART serial data output
UART IrDA data output when MCR[6] of the corresponding
channel is set in enhanced mode
42
T_I
T_I
EXT_DATA_IN
IrDA_In
UART serial data input
UART IrDA data input when IrDA mode is enabled (see
above)
44
T_I
DCD#
Active-low modem data-carrier-detect input
47
T_O
T_O
T_O
DTR#
485_En
Tx_Clk_Out
Active-low modem data-terminal-ready output. If automated
DTR# flow control is enabled, the DTR# pin is asserted and
deasserted if the receiver FIFO reaches or falls below the
programmed thresholds, respectively.
In RS485 half-duplex mode, the DTR# pin may be
programmed to reflect the state of the the transmitter empty
bit to automatically control the direction of the RS485
transceiver buffer (see register ACR[4:3])
Transmitter 1x clock (baud rate generator output). For
isochronous applications, the 1x (or Nx) transmitter clock
may be asserted on the DTR# pins (see register CKS[5:4])
48
T_O
RTS#
Active-low modem request-to-send output. If automated
RTS# flow control is enabled, the RTS# pin is deasserted
and reasserted whenever the receiver FIFO reaches or falls
below the programmed thresholds, respectively.
46
T_I
CTS#
Active-low modem clear-to-send input. If automated CTS#
flow control is enabled, upon deassertion of the CTS# pin,
the transmitter will complete the current character and enter
the idle mode until the CTS# pin is reasserted. Note: flow
control characters are transmitted regardless of the state of
the CTS# pin.
45
T_I
T_I
DSR#
Rx_Clk_In
Active-low modem data-set-ready input. If automated DSR#
flow control is enabled, upon deassertion of the DSR# pin,
the transmitter will complete the current character and enter
the idle mode until the DSR# pin is reasserted. Note: flow
control characters are transmitted regardless of the state of
the DSR# pin
External receiver clock for isochronous applications. The
Rx_Clk_In is selected when CKS[1:0] = ‘01’.
43
T_I
T_I
RI#
Tx_Clk_In
Active-low modem Ring-Indicator input
External transmitter clock. This clock can be used by the
transmitter (and indirectly by the receiver) when CKS[6]=’1’.
37
O
XTLO
Crystal oscillator output
36
I
XTLI
Crystal oscillator input (10MHz – 40 MHz) or external clock
pin. Maximum frequency 60MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com