Electronic Components Datasheet Search
  English  ▼

X  

PL75-9 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 26Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 27Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 28Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 29Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 30Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 31Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 32Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 33Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
30
Coax 20/220 series circuit board jacks
Circuit Board Bulkhead Jack
Straight
75Ω
UCBBJ23
Mounting Hole: D3.060
.400
Ø.035
.200
.400
.200
.079 DIA
2 HOLES
.380
1.210
.500-28UNEF-2A
.562 HEX NUT
.440
.550
(1.370)
.030
.130
Ø.030
"D" FLAT
.200
.562 SQ
.400
.400
.200
.071 DIA
2 PLACES
.100
DIA
TYP
Insulated circuit board
Bulkhead Jack
Straight
50Ω
CBBJ26
Mounting Hole: D3.156
Non-insulated Circuit Board
bulkhead Jack
Straight, 4-leg
75Ω
UCBBJ29
Mounting Hole: D3.109
Insulated circuit board
Bulkhead Jack Coaxial BNC
Ground Filter Insulated 4-Post
Straight
50Ω
CBBJ26GF
Mounting Hole: .093
75Ω
UCBBJ26GF
1.446 ±.030
.504
.013 TYP
.156
TYP
.500-28UNEF-2A
.687 HEX NUT
.950 DIA
.875
WRENCH
FLATS
.250
±.002
TYP
.0620 DIA
±.0010
4 PLACES
.0390 DIA
±.0010
.500
±.002
TYP
.610
.605 DIA
.285
.280
.047
.0935 DIA
4 PLACES
.354
TYP
.177
.177
.414
MIN
1.332
.557
.013
TYP
.500-28UNEF-2A
.564 HEX NUT
.630 DIA MAX
WASHER
.562 HEX
.562 DIA
.156 TYP
.687 DIA
.562 HEX NUT
.380 DIA
.425
1.388
.557
.128
.013
.156
TYP
.200
.0390 DIA
.200
.400
TYP
.0935 DIA
4 PLACES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com