Electronic Components Datasheet Search
  English  ▼

X  

PL75-9 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 66Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 67Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 68Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 69Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 70Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 71Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 72Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 73Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
70
Patch Cords (see p/n below)
Patch plug to patch plug
50Ω RCA plug Center pin.070”
PC-L-Z
75Ω WE Center pin.090”
PCW-L-Z
75Ω Mini-WECo
PCMW-L-Z
Trompeter’s coax patch cords and cable assemblies are of the
highest quality and can be ordered in any length. Trompeter
normally stocks popular lengths of 6”, 12”, 18”, 24”, 36”,
48”, 60”, and 72”. Standard coax patch cords and cable as-
semblies are made with the following cables: Patch Cords and
Cable Assemblies are available in 50
Ω RCA Standard or 75Ω
Western Electric (WECo) Standard. The two standards are
not intermateable. “L” denotes the length in inches.
“Z” denotes the impedance of the connecting cable. Trompeter
stocks many other connector types for 24 to 48 hour turnaround
of custom cable assemblies including:
D-Subs & Backshells:
Male & Female 9,15,25,37 pin and more.
SMA/SMB/SMCs:
Straight and Right Angles for RG-58, RG-142, RG-174,
RG-188, RG-316, and RG-400.
Custom cable assemblies
Cable Assembly
Bnc plug to bnc plug
Wrench Crimp
50Ω BNC
PCY-L-Z
75Ω Bnc
UPCY-L-Z
Cable Assembly
Bnc plug to bnc plug
Tool Crimp Bnc
50Ω
PCYC-L-Z
75Ω
UPCYC-L-Z
Cable Assembly
Patch plug to bnc plug
50Ω rca plug center pin .070”
to 50Ω bnc
PCX-L-Z
50Ω rca plug center pin .070”
to 75Ω bnc
UPCX-L-Z
75Ω we center pin .090”
to 50Ω bnc
PCWX-L-Z
75Ω we center pin .090”
to 75Ω bnc
UPCWX-L-Z
Cable Assembly
Push-on plug to Push-on plug
50Ω Push-on
PCP-L-Z
75Ω Push-on
UPCP-L-Z
Wrench Crimp push-on plugs fit both BNC and TNC jacks.
Cable Assembly
Patch plug to Push-on Plug
50Ω RCA plug Center pin -.070"
to 50Ω Push-on
PCPX-L-Z
50Ω RCA plug Center pin -.070"
to 75Ω Push-on
UPCPX-L-Z
75Ω WE Center pin -.090"
to 50Ω Push-on
PCPWX-L-Z
75Ω WE Center pin -.090"
to 75Ω Push-on
UPCPWX-L-Z
Custom Cable Assembly Lines
"L"
LENGTH
"L"
LENGTH
"L"
LENGTH
"L"
LENGTH
"L"
LENGTH
"L"
LENGTH
Trompeter
Cable Part #
Impedance
50
Ω
75
Ω
93
Ω
RG-58
RG-59
RG-62
TCC-50-2
TCC-75-2
N/A
Cable
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com