Electronic Components Datasheet Search
  English  ▼

X  

PL75-9 Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 82Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 83Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 84Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 85Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 86Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 87Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 88Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 89Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
86
Electronic systems wiring & cable
Systems are often designed, fabricated, and installed using the simplest
multi-wire cable or grounded coax between equipment, racks, and build-
ings, not realizing that they will probably encounter and pick up all
manner of interference. Nearby electrical equipment such as high power
radar, broadcast stations, power distribution mains, fluorescent light-
ing, arcing motors, teletype and communications circuits are but a few
of the noise makers. The lower the system signal voltage level, the
greater is the susceptibility to this outside interference.
A system design might work fine on paper or when initially assembled
and tested. But it may not perform as anticipated when installed at its
final location on ship or shore. You may realize that the completed sys-
tem has picked up much noise and hum, or is itself radiating interfer-
ence so heavily that the equipment is unusable. Costly additional ef-
fort, parts, and time expended to locate and attempts to eliminate the
causes of the noise pickup may meet with little success. Cable-to-equip-
ment interface engineering should be applied at the start of system plan-
ning and design to avoid this unnecessary waste. This applies to all
systems for low or high frequency signals, for applications in TV, te-
lemetry, timing, ordnance, environmental testing, computer, telephone,
test instrumentation, or normal communications. Each system must
be considered individually, since the signal frequencies and amplitudes
within the system and the anticipated external interference will dictate
what type of cabling and connection techniques are to be used.
Examples of Good Cable Engineering
Low-level environmental systems predominantly use “guarded” bal-
anced and shielded lines to transmit the calibrated transducer test volt-
age to an isolated charge amplifier.
TV video is distributed over 124-ohm “shielded twisted pair” (twinax),
instead of coax, in high noise areas to cancel low frequency magnetic
field cross-talk and hum.
Digital applications in the computer and instrumentation fields re-
quire good high-frequency design engineering when transmitting nano-
second rise time pulses. A 10 nanosecond rise time pulse is equivalent
to 100 megahertz RF. Using good coax cabling techniques helps to
avoid pulse reflection, false noise triggering or data inaccuracy.
Special care is required to keep noise from entering information sys-
tems (particularly aircraft). Low level communication circuit cabling
should be space separated and have effective shielding from adjacent
parallel power circuits to avoid induced hum.
Unprotected circuits (such as ordnance and timing) can receive false
pulsing if exposed to external radiated RF interfering fields.
High megawatt pulsed radar will introduce both its carrier and pulsed
radio frequency waveform into nearby sensitive low-level unprotected
cable runs which act as receiving antennas.
Sometimes the transmitted pulses have amplitudes of hundreds of thou-
sands of volts (as used in atomic energy testing or linear accelerators)
thereby producing large magnetic and capacitive interference fields.
These play havoc with local cable-connected instrumentation and elec-
tronic equipment.
Connector attachment : Crimping or Soldering
Crimping is normally used where the speed of attachment is im-
portant or where it is virtually impossible to solder due to lack of
power (as on the top of a telephone pole or in a cable vault). A
special crimp tool quickly and simply installs the connector to the
cable. Repair requires a new connector for replacement. Solder-
ing, on the other hand, does not require any special tool. A sol-
dered connection will not corrode provided adequate heat is cor-
rectly applied to avoid a “cold solder joint.” Some soldered coax
connectors may be used over without special tools or replacement
parts. This is advantageous on shipboard or in field locations where
replacement parts or tools are not always available.
Noise
Electrical noise is by definition, any unwanted interfering voltage,
developed within or externally to a system, which reduces the
performance of that system. "Noise" has always been a problem
and in the past was usually reduced by brute-force filtering which
reduced or stopped "noise" after it had entered the system. This
method was quite expensive, but reasonably effective since signal
information voltages were low in frequency and systems were few
and not too large or complex.
Present day communication and data systems are continually be-
coming larger, more numerous and use higher information rates
and frequencies in an atmosphere of expanded electrical and elec-
tronic equipment usage. The net result is ever increasing levels of
interference and noise which creates an electronic traffic jam of
major proportions. This applies equally to low level analog and
digital pulse systems. Filtering is practically useless (or in some
cases, completely unusable) since it produces excessive deteriora-
tion of the desired pulse waveforms or inaccuracies and distortion
of analog signal voltages. Noise reduction is best accomplished
by simply stopping "noise" before it enters the system.
The following describes how external noise is introduced into sys-
tems by the equipment interconnecting wiring, and the improve-
ments that can be realized by installing noise-rejecting type cables
and applying good equipment isolation and grounding techniques.
Most electronic equipment does not produce random noise and usu-
ally performs the singular task it is designed to do. Unwanted noise
is picked up by the interconnecting wiring through the direct con-
tact action of ground loops and common mode returns, or by in-
ductive and capacitive pickup of nearby radiated fields. A desired
signal in one circuit can be noise to another. Interference can be
produced by local circuits within the system or from equipment
completely removed and external to the system. Conversely, cables
can radiate the signal they are carrying into adjacent circuits (cross-
talk), generating interference to other data systems or causing se-
curity compromises in classified military communications. This
problem can be further compounded by poor cable-to-equipment
impedance matching which produces signal reflections and high
standing wave ratios. Poorly selected and installed cabling can act
as both transmitting and receiving antenna or as undesired primary
and secondary windings of coupling transformers, placing inter-
ference into the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com