Electronic Components Datasheet Search
  English  ▼

X  

PL75-9 Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 88Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 89Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 90Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 91Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 92Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 93Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 94Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 95Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
92
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
AMPHENOL
82-5588
TWINAX
-8
_
330
39
_
AMPHENOL CNDA
21-1060
COAX
-6
-16
_
_
_
AMPHENOL CNDA
621-446-795
COAX
-6
_
_
_
_
ANDREW
FSJ2-50B
COAX
*
_
_
_
50
ANDREW
HJ4-50
COAX
*
_
_
_
50
ANDREW
HJ5-50
COAX
*
_
_
_
50
ANDREW
LDF2-50-A
COAX
*
_
_
_
50
ANDREW
LDF4-50-A
COAX
*
TOO LARGE
630
189
50
ANDREW
LDF5-50-A
COAX
*
_
_
_
50
ANIXTER
9L759586
COAX
_
*
280
42
_
ANIXTER COLUMBIA
55
COAX
*
*
143
12
_
ANTENNA SPECIALISTS
18-73-2
COAX
-52
_
246
52
50
ARGOSY
8DV75
COAX
-21
*
170
24
75
ARINC
629
TWINAX
-8
TOO LARGE
313
36
_
ASTROLAB
32001
COAX
-5
*
115
20
_
ASTROLABS
32081
COAX
-5
-3
100
20
50
ASTRONAUTICS
169450
TRIAX
-7
_
210
23
_
AT&T (LUCENT)
733
COAX
_
-27
_
_
75
AT&T (LUCENT)
1735A
COAX
_
-26
128
16
75
AT&T (LUCENT)
2734A
COAX
_
*
225
32
75
AT&T (LUCENT)
2735A
COAX
-22
-26
140
15
75
AT&T (LUCENT)
734D
COAX
-63
-25
236
31
75
AT&T (LUCENT)
735A
COAX
*
-26
125
16
75
AT&T (LUCENT)
NSI 4609 805 13019
COAX
-37
*
166
16
_
AT&T(LUCENT)
724
COAX
-6
-16
304
33
_
AT&T(LUCENT)
728
COAX
-6
-16
304
33
75
AT&T(LUCENT)
731
COAX
-2
-15
248
23
75
AT&T(LUCENT)
730A
COAX
-2B
-15
255
25
AT&T(LUCENT)
734A
COAX
-63
-25
236
31
75
AT&T(LUCENT)
KS-19224L2
COAX
-31
*
116
11
_
AT&T(W.E.CO)
16PEVL
TWINAX
-12
_
460
51
_
AT&T(W.E.CO)
754E
TWINAX
-10
_
420
40
_
AT&T(W.E.CO)
760A
TWINAX
-11
TOO LARGE
308
25
_
AT&T(W.E.CO)
761A
TWINAX
-30
215
21
_
AT&T/NSI
4609 805 13019
COAX
_
*
_
_
_
ATLAS
1405-59-U95
COAX
-2
-14
242
32
75
AVAYA
1725B
COAX
*
-54
325
50
75
AXON
A3331B
TRIAX
_
*
215
20
_
AXON
CC6297
TWINAX
-55
_
205
24
124
AXON
P502805C
TWINAX
*
-201
126
24
_
AXON
P502810
TWINAX
-47
-201
135
_
77
AXON
P506133
TRIAX
*
_
213
25
75
AXON
P506425
TWINAX
-55
_
202
25
120
AXON
P507991A
TWINAX
*
-204
134
24
_
Note: * = Special contact factory
Cable group table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com