Electronic Components Datasheet Search
  English  ▼

X  

PL75-9 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 31Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 32Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 33Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 34Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 35Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 36Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 37Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 38Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
35
1.626
1.000
.790
.4375-28UNEF-2A
.750 HEX NUT
.437 HEX
.830
DIA
MAX
Bulkhead
Cable Jack
Tool Crimp
50Ω
BJ249-
Mounting Hole: D3.218
D2.218 (Cable Groups 6,6E,51,52)
Bulkhead
Cable Jack
50Ω
BJ49-
Wrench Crimp
75Ω
UBJ49-
Mounting Hole: D3.218 / D2.218 (Cable Groups 6, 6E,51,52)
Insulated
Bulkhead Jack
Rear Mount, Wrench Crimp
50Ω
BJ46-
75Ω
UBJ46-
Mounting Hole: D2.187
GF-Ground filter version page 38
Insulated
Bulkhead Jack
Rear Mount, Tool Crimp
50Ω
BJ246-
75Ω
UBJ246-
Mounting Hole: D2.187
GF-Ground filter version pg 38
Miniature coax threaded
40/240 series, tnc bulkhead jacks
Insulated
Bulkhead Jack
Rear Mount, Solder Pot
50Ω
BJ41
75Ω
UBJ41
Mounting Hole: D3.147
50Ω
CBBJR46
75Ω
UCBBJR46
Insulated Circuit Board Jack 50Ω
CBBJR46A
Right Angle
75Ω
UCBBJR46A
"A" refers to tall versions
Mounting Hole: D3.156
Bulkhead Jack
Solder Pot
50Ω
BJ40
75Ω
UBJ40
w/ Solder Lug
50Ω
BJ40SL
75Ω
UBJ40SL
Mounting Hole: D5.125
Insulated
Bulkhead Jack
50Ω
BJ47
Front Mount, Solder pot
75Ω
UBJ47
Mounting Hole: D3.147
BJ40 Shown
BJ47 Shown
BJ41 Shown
1
1
1
1
1
1
1
- Refers to Cable Group Table, see pages 91-133. "D" mounting holes are on page 54
1
CBBJR46 Shown
BJ49-1 Shown
BJ46-1 Shown
BJ246-001 Shown
Circuit Board Jack
Bulkhead mount
50Ω
CBBJR49
Right Angle
75Ω
UCBBJR49
Add "A" for tall versions
Mounting Hole: D3.230
.380
DIA
.4375-28UNEF-2A
.500-28UNEF-2A
.562 HEX NUT
.562 HEX NUT
.757
1.060
SOLDER POT ACCEPTS
.060 DIA CONDUCTOR
.625-24UNEF-2A
1.000
.790
.096
.750 HEX NUT
.437 HEX
.687 HEX
.4375-28UNEF-2A
.830
1.237
1.074
.773
.046
.380
DIA
.4375-28UNEF-2A
.500-28UNEF-2A
.562 HEX NUT
.124
.030
TYP
.13 TYP
B
TYP
C
TYP
.258
TYP
D
TYP
.593 DIA
.040
TYP
.258
TYP
.649
ACROSS
POINTS
.258
TYP
E DIA TYP
.258
MODEL
LTR OHM
A
B
C
D
E
NO.
CODE
DIM DIM DIM
DIM DIM
CBBJR46
-
50
.046 .24 .090 .050 .0625
UCBBJR46
-
75
.029 .24 .090 .050 .0625
CBBJR46A
A
50
.046 .34 .090 .058 .070
UCBBJR46A
A
75
.029 .34 .090 .058 .070
A DIA
1.058
.382
.378
DIA
.425
.046
.4375-28UNEF-2A
.375-32UNEF-2A
SOLDER POT ACCEPTS
.060 DIA CONDUCTOR
.500 HEX NUT
.471
1.060
.500-28UNEF-2A
.562 HEX NUT
.562 HEX NUT
SOLDER POT
ACCEPTS
.060 DIA
CONDUCTOR
.500-28UNEF-2A
1.000
.806
.096
.625 HEX
.437 HEX
.687 HEX
.4375-28UNEF-2A
1.625
1.000
.806
.625 HEX NUT
.4375-28UNEF-2A
.437 HEX
.750
DIA
.593 DIA
.040
TYP
.258
TYP
.649
ACROSS
POINTS
1.237
1.074
.773
.046
.380
DIA
.4375-28UNEF-2A
.500-28UNEF-2A
.562 HEX NUT
CBBJR49 SHOWN
.124
.258
TYP
D
C
.13 TYP
.030
TYP
B
MODEL
LTR
OHM
A
B
C
D
E
NO.
CODE
DIM DIM DIM
DIM DIM
CBBJR49
-
50
.046
.24
.090 .050 .0625
UCBBJR49
-
75
.029
.24
.090 .050 .0625
CBBJR49A
A
50
.046
.34
.090 .058 .070
UCBBJR49A
A
75
.029
.34
.090 .058 .070
.258
TYP
E DIA
TYP
.258
A DIA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com