Electronic Components Datasheet Search
  English  ▼

X  

PL75-9 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 60Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 61Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 62Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 63Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 64Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 65Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 66Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 67Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
64
Coax patching accessories
Adapter
Fixed Paralleling
50Ω BNC-One jack, Two plugs
PN2
Adapter
Fixed Paralleling
50Ω BNC-Two jacks, one plug
PN2A
Adapter
Fixed Paralleling
50Ω BNC-Two jacks, One plug
PN2C
Adapters
Multiple Parallel Network
50Ω
MPN-
/BNC
50Ω
MPN-
/TNC
Contact the Factory for more information
2
2
BNC
PLUG
2.09
30°
ADAPTER
CIRCUIT
SCHEMATIC
BNC
JACKS
;;;;;;;
;;;;;;;
;;;;;;;
.625
.500
1.600
.592
1.185
SCHEMATIC
2 = NUMBER OF CONNECTORS
.37 TYP
.625 TYP
1.22
.75
.500
1.600
.592
1.185
.625
Adapters
Fixed Paralleling
50Ω BNCs
Call factory for 75
Ω versions
"L"
One Input
No Input
0.625"
PNS-B-
PNSX-B-
0.750"
PNS-C-
PNSX-C-
0.830"
PNS-D-
PNSX-D-
0.875"
PNS-E-
PNSX-E-
1.000"
PNS-F-
PNSX-F-
1.125"
PNS-G-
PNSX-G-
1.210"
PNS-H-
PNSX-H-
1.250"
PNS-J-
PNSX-J-
1.430"
PNS-K-
PNSX-K-
.0734"
PNS-L-
PNSX-L-
"L" Length in inches
Also available with push-on connectors, call factory.
;;;;;;
;;;;;;
;;;;;;
;;;;;;
;;;;;;
;;;;;;
.620
INPUT BJ20
.471
1.25
.689
.28
TYP
LL
OUTPUTS PL21
2.41
.620
1.93
ONE INPUT
(PNS-)
NO INPUT
(PNSX-)
;;;;;;
;;;;;;
;;;;;;
;;;;;;
PNS-
PNSX-
ADAPTER CIRCUITRY SCHEMATICS
TOP
SIDES
2 = NUMBER OF CONNECTORS
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com