Electronic Components Datasheet Search
  English  ▼

X  

PL75-9 Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 85Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 86Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 87Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 88Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 89Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 90Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 91Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 92Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
89
Electronic systems wiring & cable
Bonding & Grounding
Good bonding and grounding are absolutely essential if noise pickup
reduction is to be accomplished. Equipment isolation, cabling, bond-
ing, and grounding are all part of the noise pickup and EMI/RFI prob-
lem. The method of equipment interconnecting and grounding is a func-
tion of the signal frequency and no one simple answer can be provided.
The following common conditions require detailed consideration:
• “Earth” grounds: require extensive grids, ground rods, and chemi-
cal preparation to obtain an extremely low resistance and impedance
system ground return.
• Ground isolation: In many instances in low-frequency data systems
where equipment is widely separated, equipment ground “planes” should
be isolated from earth grounds to avoid “noisy” ground loops caused
by power and other equipment in the immediate area.
• Parallel cabling: Space isolate cabling of similar functions ( i.e., RF
from RF, video from video, and cables carrying vastly different voltage
levels) so that they do not have mutual capacitive or inductive cou-
pling.
• Termination impedance: Properly terminate all pulse and high-fre-
quency cables in their characteristic impedance so that the cable reac-
tive components are cancelled out and the voltage standing waves are
reduced to a minimum.
• Cable selection: The higher the frequency, the faster the pulse rise
time, or the longer the cable run; the bigger the cable required to reduce
dielectric losses and lessen the distortion of pulse shapes.
• Grounding location: If “system” ground and “earth” ground must
be connected, it should be done at minimal locations (preferably one)
using extremely low-impedance bonding paths and materials. Other-
wise, RF and high-frequency bonding should be made frequently to
provide the shortest RF path to ground and to prevent the ground return
from acting as an additional length of antenna.
Systems Usage
Most engineers are quite familiar with the longtime use of 75 ohm coax
cable in baseband telephone transmission installations and its univer-
sal use for broadcast and cable TV. Coax and twinax cables are being
used for local dedicated installations with the rapid growth of com-
mercial computer data distribution. The non-dedicated commercial
coax data bus systems (Ethernet) tie many terminals to one high bit-
rate trunk cable. Military aircraft systems call for 78 ohm twinax data
bus distribution for main functions of guidance and control, naviga-
tion, communications, etc., per MIL–STD–1553B (TRS and TRB se-
ries connectors). MIL–STD–1397 specifies 50 ohm triax in naval ship
digital data bus applications which use the TRB and TRC series con-
nectors listed in MIL–C–49142.
Interference is becoming a major problem with the proliferation of digital
computer installations, data transmission systems, and local area net-
works (both baseband and broadband). The main interference encoun-
tered is caused by the high harmonic content of the digital pulses that
fall in the RF region and radiate into free space or cross-talk to other
victim cables.
Choice of Cable Type and Installation:
• Grounded Coax: Can pass the high information rates, but is sub-
ject to ground loops as well as magnetic and radiated noise pickup.
• Ungrounded Coax: Can pass the high information rates, but is
subject to magnetic and radiated noise pickup. Substantially low-
ers the ground loop interference.
• Triax Cable: Can pass the high information rates, but is subject to
magnetic noise pickup. Substantially lowers the ground loop in-
terference and removes the radiated noise.
• Twinax Cable: Passes only medium information rates, but hin-
ders the pickup of magnetic interference due to the “twist” of the
signal pair. (Equipment usually operated with balanced inputs and
outputs.)
• Ungrounded versions of Twinax and Triax: Provide even more
ground loop isolation.
The choice of materials to be used in these cables is of major impor-
tance. For commercial installations in public buildings, the National
Electrical Code, Underwriters Lab and local ordinance requirements
must be complied with. Fire wicking cables routed horizontally
through fire walls and vertically floor-to-floor are required to be metal
ducted (a very expensive and inflexible mode of construction). Ap-
proved cables made of FEP can be routed horizontally and verti-
cally, without ducting, in air plenums with a great reduction in size
and cost and with much greater flexibility for future modifica-
tions. Increasing insurance premiums will almost dictate that flame
retardant nontoxic materials be used in all future public building
cable installations to reduce potential loss of life and property. The
same applies to military aircraft cables which must also be able to
withstand exposure to fuel and cleaning solvents. Connectors are
available for these special cables.
Trompeter Electronics, Inc. has developed coax connec-
tors that are isolated above ground, but have a 6 nanofarad bypass
capacitor, shunting the outer braid to ground for high harmonic at-
tenuation. In many instances, interference can be so severe that twinax
(balanced-shielded) or triax (shielded coax) cables must be used along
with the proper connectors to provide good isolation, bonding and
grounding.
As previously discussed, high bit-rate signals require high-frequency
transmission cables (coax, twinax, triax and even quadrax) to mini-
mize amplitude and frequency distortion and to prevent noise pickup
from external interference.
The design engineer must select the optimum cable and connectors
for maximum reduction of interference due to radiated RF and mag-
netically coupled or direct contact ground loop noise. This can re-
duce the number of noise suppression filters and amplifiers required.
A repeated word of caution is offered for those contemplating "digi-
tal" use. Low-voltage digital lines should not be placed in the near
proximity of high-voltage and high current cables. Nor should a
single multifunction connector be used due to the strong probability
of cross-talk coupled interference. Physical separation of the cables
is the first and best solution, with shielding and isolation above ground
being the second consideration. ■



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com