Electronic Components Datasheet Search
  English  ▼

X  

PL75-9 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # PL75-9
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-9 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button PL75-9 Datasheet HTML 41Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 42Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 43Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 44Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 45Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 46Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 47Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 48Page - List of Unclassifed Manufacturers PL75-9 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
45
Trompeter provides termination and RFI cap for all our con-
nectors. Resistors are normally 1/4 watt for subminiature
connectors and 1/2 watt for miniature and standard size con-
nectors (1% tolerances for all).
Ordering Instructions
For Terminations Example: PL75 Termination for TRB jacks
with 78
Ω resistance and no chain.
Order part number:
TNG1-1-78-D3
Part number from list
Chain options
R-Resistance
D Ring option (see below)
For RFI Caps Example: Patch plug cap for a J74 twinax/triax
jack with no chain.
Order part number:
RFI70-1-D3
Part number from list
Chain options
D Ring option (see below)
Coax rfi caps & terminations
Coax Terminations
and RFI (Dust Caps)
Parts to be capped
Description
Terminator
RFI (Dust Caps)
BJ20/CJ20 Series
BNC, Jack
(U)TNASP1-(3)-R (Push on)
RFI25-(3)
BJ20/CJ20 Series
BNC, Jack
(U)TNAS1-(3)-R (Short)
RFI25-(3)
BJ20/CJ20 Series
BNC, Jack
(U)TNA1-(3)-R
RFI25-(3)
BJ20/CJ20
BNC, Jack
(U)TNAP1-(3)-R
RFI25-(3)
BJ40/CJ40 Series
TNC, Jack
(U)TNH1-(3)-R
RFI45-(3)
BJ50/CJ50 Series
TPS, Jack
TNB1-(3)-R (Push on)
RFI55-(3)
BJ50FL/CJ50FL Series
TPS, Jack
TNBP1-(3)-R (Push on)
RFI55FL-(3)
BJ50/BJ350
TPS/TCM, Jack
TNBP1-(3)-R (Push on)
RFI355-(3)
BJ95
N, Jack
(U)TNN1-(3)-R
RFI95-(3)
BJ130
F, Jack
TNF1-(3)-R
RFI130-(3)
J3
RCA, Patch Jack
TP-(3)-R
RFI20-(3)
J3W
WECo Patch Jack
TPW-(3)-R
RFI20-(3)
J8
Mini-WECo Coax Patch Jack
TPM-(3)-R
RFI50-(3)
J11
Mini-WECo Patch Jack
TPMW-(3)-R
RFI150-(3)
J94 (90 Series)
Patch Jack
TNP1-(3)-R
RFI94-(3)
J94 (90 Series)
Patch Jack
TPP-(3)-50 (Push-on)
RFI94-(3)
PL20 Series
BNC, Plug
(U)TNAF1-(3)-R
RFI21-(3)
PL50
TPS, Plug
RFI57-(3)
PL50FL
TPS, Plug
RFI57FL-(3)
PL220 Series
BNC, Plug
(U)TNAF1-(3)-R
RFI21-(3)
PL40 Series
TNC, Plug
(U)TNHF1-(3)-R
RFI41-(3)
PL95
N, Plug
(U)TNNBJ1-(3)-R (Bulkhead Mount)
RFI97-(3)/ RFIS97-(3)Safety wire
Length
Chain Type
N/A
No Chain
-1
2.5"
Brass Chain
-2
2.5"
Nylon Chain
-3
3.0"
Brass Chain
-4
3.0"
Nylon Chain
-5
6.0"
Brass Chain
-6
6.0"
Nylon Chain
-7
4.0"
Brass Chain
-8
4.0"
Nylon Chain
-9
10.0"
Brass Chain
-10
10.0"
Nylon Chain
-11
Stainless-steel rope
2.5"
Jacketed Stainless-steel rope
-12
3.0"
Jacketed Stainless-steel rope
-13
6.0"
Jacketed Stainless-steel rope
-14
Chain Options:
Chain
Numbers:
Stainless Steel Rope
with Mounting Rings
We now provide stainless steel rope with "D" rings. To order
mounting ring for jacks with the "D" mounting hole numbers
listed on the right, add the "D" ring number to the part number.
For Example: RFI20-12-D2
Inside
Inside
Diameter
D-Ring#
Diameter
D-Ring#
.755"
-D1
.281"
-D7
.630"-.635"
-D2
.610"
-D8
.505"-.510"
-D3
.567"
-D9
.439"-.443"
-D4
.192"
-D10
.380"-.384"
-D5
1.005"
-D11
.317"
-D6
.330"
-DD8
Notes: (3) See Chain options. "U" Designates 75 ohm version available. "R" Resistance. If you cannot find the RFI cap or termination you need call the factory.
Coax Terminations & RFI Caps
3
3
D Ring Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com